Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC702LP6CE Datasheet(PDF) 36 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 36 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 30Page - Analog Devices HMC702LP6CE Datasheet HTML 31Page - Analog Devices HMC702LP6CE Datasheet HTML 32Page - Analog Devices HMC702LP6CE Datasheet HTML 33Page - Analog Devices HMC702LP6CE Datasheet HTML 34Page - Analog Devices HMC702LP6CE Datasheet HTML 35Page - Analog Devices HMC702LP6CE Datasheet HTML 36Page - Analog Devices HMC702LP6CE Datasheet HTML 37Page - Analog Devices HMC702LP6CE Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
36
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
Table 33. Reg 1Ch Phase Detector CSP Register
Bit
Type
Name
Default
Description
3:0
r/W
pfds_sat_deltan
0
0= cycle Slip Prevention (cSP) disabled
4-bit value to advance or retard phase detector in
Vco cycles if it reaches 2pi , i.e. cycle slip
prevention. 1st bit is polarity, enabled by rstb
4
r/W
pfds_rstb_force
0
cSP PFD Flip-flops rStB:
1 - controlled by the pfds_rstb bit:
0 - auto-controlled by the cSP logic
Forces the PFD into reset, which tri-states
charge pump, freezes charge on the loop filter,
and hence opens the loop. Program 0
5
r/W
pfds_rstb
1
cSP PFD FF rstb
1 - Enables the cycle Slip Prevention (cSP)
feature of the PFD (also need reg 1[15]=1)
Table 34. Reg 1Dh Reserved
Bit
Type
Name
Default
Description
23:0
ro
reserved
0
reserved
Table 35. Reg 1Eh Temperature Sensor Register
Bit
Type
Name
Default
Description
0
r/W
tsens_spi_enable
0
Enable the temperature sensor, draws ~2ma
current, must strobe tsens_spi_strobe reg 00h
<3>
Table 36. Reg 1Fh LD, VCO & Ramp Busy Read Only Register
Bit
Type
Name
Default
Description
0
ro
ro_lock_detect
0
1 = locked, 0 = unlocked
3:1
ro
ro_dsm_overflow
0
1 = modulator overflow
4
ro
reserved
0
reserved
5
ro
ro_ramp_busy
0
Sweeper status flag, set when ramp is busy,
cleared when at end of ramp or not used
Table 37. Reg 20h Reserved
Bit
Type
Name
Default
Description
23:0
ro
reserved
20h
reserved
Table 38. Reg 21h Temperature Sensor Read Only Register
Bit
Type
Name
Default
Description
6:0
ro
tsens_temperature
1Fh
current temperature from temp sensor
lsb = 17.5°c
0000111 = temp >= 82.5°c
0000110 = temp
0000000 = temp <=-22.5°c
tsens_temperature = floor ((temp+40)/17.5)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com