Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC702LP6CE Datasheet(PDF) 34 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 34 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 30Page - Analog Devices HMC702LP6CE Datasheet HTML 31Page - Analog Devices HMC702LP6CE Datasheet HTML 32Page - Analog Devices HMC702LP6CE Datasheet HTML 33Page - Analog Devices HMC702LP6CE Datasheet HTML 34Page - Analog Devices HMC702LP6CE Datasheet HTML 35Page - Analog Devices HMC702LP6CE Datasheet HTML 36Page - Analog Devices HMC702LP6CE Datasheet HTML 37Page - Analog Devices HMC702LP6CE Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
34
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
Table 31. Reg 1Ah Lock Detect Register
Bit
Type
Name
Default
Description
9:0
r/W
lkd_wincnt_max
40h
threshold count in the timer window to declare
lock (reference cycles)
10
r/W
lkd_win_asym_enable
0
Enables asymmetric lock detect window (nominal
10nsec)
11
r/W
lkd_win_asym_up_select
0
Sets polarity of the window
12
r/W
lkd_to_sdo_automux_en
1
Muxes the lkd output signal to SDo when SDo is
not being used for Main Serial Port Data outputs
(read operation)
13
r/W
lkd_to_sdo_always
0
Muxes the lkd output signal to SDo always, not
possible to do Main Serial Port read in this state
14
r/W
lkd_ringosc_mono_select
0
1 select ringosc based oneshot for lock detect
window
0 selects analog based oneshot
16:15
r/W
lkd_ringosc_cfg
0
“00” fastest “11” slowest
18:17
r/W
lkd_monost_duration
0
“00” shortest “11” longest
19
r/W
lkd_ringosc_testmode
0
enables the ring osc by itself for testing
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com