Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC702LP6CE Datasheet(PDF) 15 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 15 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 11Page - Analog Devices HMC702LP6CE Datasheet HTML 12Page - Analog Devices HMC702LP6CE Datasheet HTML 13Page - Analog Devices HMC702LP6CE Datasheet HTML 14Page - Analog Devices HMC702LP6CE Datasheet HTML 15Page - Analog Devices HMC702LP6CE Datasheet HTML 16Page - Analog Devices HMC702LP6CE Datasheet HTML 17Page - Analog Devices HMC702LP6CE Datasheet HTML 18Page - Analog Devices HMC702LP6CE Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
15
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
Charge Pump & Phase Frequency Detector (PFD)
the Phase Frequency Detector or PFD has two inputs, one from the reference path divider and one from the Vco path
divider. the PFD compares the phase of the Vco path signal with that of the reference path signal and controls the
charge pump output current as a linear function of the phase difference between the two signals. the output current
varies linearly over a full ±2π radians input phase difference.
PFD Functions
phase_sel (Reg05h<0> table 11) inverts the phase detector polarity for use with an inverting opamp or negative
slope Vco
upout_en in Reg05h<1> table 11 allows masking of the PFD up output, which effectively prevents
the charge pump from pumping up.
dnout_en in Reg05h<2> table 11 allows masking of the PFD down output, which effectively
prevents the charge pump from pumping down.
Charge Pump Tri-State
De-asserting both upout_en and dnout_en effectively tri-states the charge pump while leaving all other functions
operating internally.
PFD Jitter & Lock Detect Background
in normal phase locked operation the divided Vco signal arrives at the phase detector in phase with the divided
crystal signal, known as the reference signal. Despite the fact that the device is in lock, the phase of the Vco signal
and the reference signal vary in time due to the phase noise of the crystal and Vco oscillators, the loop bandwidth
used and the presence of fractional modulation or not. the total integrated noise on the Vco path normally dominates
the variations in the two arrival times at the phase detector if fractional modulation is turned off.
if we wish to detect if the Vco is in lock or not we need to distinguish between normal phase jitter when in lock and
phase jitter when not in lock.
First, we need to understand what is the jitter of the synthesizer, measured at the phase detector in integer or fractional
modes.
the standard deviation of the arrival time of the Vco signal, or the jitter, in integer mode may be estimated with a
simple approximation if we assume that the locked Vco has a constant phase noise, Ф2 (ƒ0), at offsets less than
the loop 3 dB bandwidth and a 20 dB per decade roll off at greater offsets. the simple locked Vco phase noise
approximation is shown on the left of Figure 11.
Figure 11. Synthesizer Phase Noise & Jitter
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com