Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC702LP6CE Datasheet(PDF) 14 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 10Page - Analog Devices HMC702LP6CE Datasheet HTML 11Page - Analog Devices HMC702LP6CE Datasheet HTML 12Page - Analog Devices HMC702LP6CE Datasheet HTML 13Page - Analog Devices HMC702LP6CE Datasheet HTML 14Page - Analog Devices HMC702LP6CE Datasheet HTML 15Page - Analog Devices HMC702LP6CE Datasheet HTML 16Page - Analog Devices HMC702LP6CE Datasheet HTML 17Page - Analog Devices HMC702LP6CE Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
14
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
External VCO with Active Inverting OpAmp Loop Filter
an external opamp active filter is required to support external Vcos with tuning voltages above 5V. if an inverting
opamp is used with a positive slope Vco, phase_sel reg05h <0> = 1 table 11 must be set to invert the PFD phase
polarity and obtain correct closed loop operation.
Figure 9. Conventional Synthesizer with VCO
Temperature Sensor
the HMc702LP6cE features a built in temperature sensor which may be used as a general purpose temperature
sensor.
the temperature sensor is enabled via tsens_spi_enable (Reg1Eh=1 table 35) and when enabled draws 2 ma.
the temperature sensor features a built in 3-bit quantizer that allows the temperature to be read in register tsens_
temperature (Reg21h table 38 ). the temperature sensor data converter is not clocked. Updates to the temperature
sensor register are made by strobing register tsens_spi_strobe (reg00h<3> table 6). the 3-bit quantizer operates
over a -40°c to +100°c range as follows:
tn = floor {(temperature +40) / 17.5 where Tn is the decimal value of register tsens_temperature}
(EQ 7)
0
1
2
3
4
5
6
7
-40
-20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 10. Typical Temperature Sensor Quantizer output
temperature sensor slope is 17.5 mV/lsb. absolute tolerances on the temperature sensor thresholds may vary by up
to ±10°c worst case.
nominal temperature is given by:
(EQ 8)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com