Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4355-2 Datasheet(PDF) 33 Page - Analog Devices

Part # ADF4355-2
Description  Programmable output power level
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355-2 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADF4355-2 Datasheet HTML 29Page - Analog Devices ADF4355-2 Datasheet HTML 30Page - Analog Devices ADF4355-2 Datasheet HTML 31Page - Analog Devices ADF4355-2 Datasheet HTML 32Page - Analog Devices ADF4355-2 Datasheet HTML 33Page - Analog Devices ADF4355-2 Datasheet HTML 34Page - Analog Devices ADF4355-2 Datasheet HTML 35Page - Analog Devices ADF4355-2 Datasheet HTML 36Page - Analog Devices ADF4355-2 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
ADF4355-2
Data Sheet
Rev. B | Page 32 of 37
REFERENCE DOUBLER AND REFERENCE DIVIDER
The on-chip reference doubler allows the input reference signal
to be doubled. The doubler is useful for increasing the PFD
comparison frequency. To improve the noise performance of
the system increase the PFD frequency. Doubling the PFD
frequency usually improves noise performance by 3 dB.
The reference divide by 2 divides the reference signal by 2,
resulting in a 50% duty cycle PFD frequency.
SPURIOUS OPTIMIZATION AND FAST LOCK
Narrow loop bandwidths can filter unwanted spurious signals,
but these bandwidths usually have a long lock time. A wider
loop bandwidth achieves faster lock times but may lead to
increased spurious signals inside the loop bandwidth.
OPTIMIZING JITTER
For lowest jitter applications, use the highest possible PFD
frequency to minimize the contribution of in-band noise from
the PLL. Set the PLL filter bandwidth such that the in-band noise
of the PLL intersects with the open-loop noise of the VCO,
minimizing the contribution of both to the overall noise.
Use the ADIsimPLL design tool for this task.
SPUR MECHANISMS
This section describes the two different spur mechanisms that
arise with a fractional-N synthesizer and how to minimize them
in the ADF4355-2.
Integer Boundary Spurs
One mechanism for fractional spur creation is the interactions
between the RF VCO frequency and the reference frequency.
When these frequencies are not integer related (the purpose of a
fractional-N synthesizer), spur sidebands appear on the VCO
output spectrum at an offset frequency that corresponds to the
beat note or the difference in frequency between an integer
multiple of the reference and the VCO frequency. These spurs
are attenuated by the loop filter and are more noticeable on
channels close to integer multiples of the reference where the
difference frequency can be inside the loop bandwidth (thus
the name, integer boundary spurs).
Reference Spurs
Reference spurs are generally not a problem in fractional-N
synthesizers because the reference offset is far outside the loop
bandwidth. However, any reference feedthrough mechanism
that bypasses the loop may cause a problem. Feedthrough of
low levels of on-chip reference switching noise, through the
prescaler back to the VCO, can result in reference spur levels
as high as −80 dBc.
LOCK TIME
The PLL lock time divides into a number of settings. All of
these are modeled in the ADIsimPLL design tool. Faster lock
times than those detailed in this data sheet are possible. Contact
your local Analog Devices, Inc., sales representative for more
information.
Lock Time—A Worked Example
Assuming fPFD = 61.44 MHz,
VCO Band Div = Ceiling(fPFD/2,400,000) = 26
where Ceiling() rounds up to the nearest integer.
By combining the following two equations:
ALC Wait > (50 µs × fPFD)/Timeout
Synthesizer Lock Timeout > (20 µs × fPFD)/Timeout
The following is found:
ALC Wait = 2.5 × Synthesizer Lock Timeout
Maximize ALC Wait (to reduce Timeout to minimize time) so
that ALC Wait = 30 and Synthesizer Lock Timeout = 12.
Finally, ALC Wait > (50 µs × fPFD)/Timeout, is rearranged as
Timeout = Ceiling((fPFD × 50 µs)/ALC Wait)
Timeout = Ceiling((61.44 MHz × 50 µs)/30) = 103
Synthesizer Lock Timeout
The synthesizer lock timeout ensures that the VCO calibration
DAC, which forces VTUNE, has settled to a steady value for the
band select circuitry.
The timeout and synthesizer lock timeout variables programmed
in Register 9 select the length of time the DAC is allowed to
settle to the final voltage, before the VCO calibration process
continues to the next phase, which is VCO band selection. The
PFD frequency is used as the clock for this logic, and the
duration is set by
Frequency
PFD
Timeout
Lock
r
Synthesize
Timeout ×
The calculated time must be equal to or greater than 20 µs.
VCO Band Selection
Use the PFD frequency again as the clock for the band selection
process. Calculate this value by
PFD/(VCO Band Selection × 16) < 150 kHz
The band selection takes 11 cycles of the previously calculated
value. Calculate the duration by
11 × (VCO Band Selection × 16)/PFD Frequency
Automatic Level Calibration Timeout
Use the automatic level calibration (ALC) function to choose
the correct bias current in the ADF4355-2 VCO core. Calculate
the time taken by
5 × 11 × ALC Timeout × Timeout/PFD Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com