Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4355-2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4355-2
Description  Programmable output power level
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355-2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4355-2 Datasheet HTML 13Page - Analog Devices ADF4355-2 Datasheet HTML 14Page - Analog Devices ADF4355-2 Datasheet HTML 15Page - Analog Devices ADF4355-2 Datasheet HTML 16Page - Analog Devices ADF4355-2 Datasheet HTML 17Page - Analog Devices ADF4355-2 Datasheet HTML 18Page - Analog Devices ADF4355-2 Datasheet HTML 19Page - Analog Devices ADF4355-2 Datasheet HTML 20Page - Analog Devices ADF4355-2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
ADF4355-2
Data Sheet
Rev. B | Page 16 of 37
Table 6. Total IDD (RFOUTA± Refers to RFOUTA+/RFOUTA−)
Divide By
RFOUTA± Off
RFOUTA± = −4 dBm
RFOUTA± = −1 dBm
RFOUTA± = +2 dBm
RFOUTA± = +5 dBm
5 V Supply (IVCO and IP)
78 mA
78 mA
78 mA
78 mA
78 mA
3.3 V Supply (AIDD, DIDD, IRF)
1
79.8 mA
101.3 mA
111.9 mA
122.7 mA
132.8 mA
2
87.8 mA
110.1 mA
120.6 mA
131.9 mA
141.9 mA
4
97.1 mA
119.3 mA
130.1 mA
141.6 mA
152.1 mA
8
104.9 mA
127.1 mA
137.8 mA
149.2 mA
159.7 mA
16
109.8 mA
131.8 mA
142.7 mA
154.1 mA
164.6 mA
32
113.6 mA
135.5 mA
146.5 mA
157.8 mA
168.4 mA
64
115.9 mA
137.8 mA
148.9 mA
160.1 mA
170.8 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com