Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4355-2 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4355-2
Description  Programmable output power level
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355-2 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4355-2 Datasheet HTML 20Page - Analog Devices ADF4355-2 Datasheet HTML 21Page - Analog Devices ADF4355-2 Datasheet HTML 22Page - Analog Devices ADF4355-2 Datasheet HTML 23Page - Analog Devices ADF4355-2 Datasheet HTML 24Page - Analog Devices ADF4355-2 Datasheet HTML 25Page - Analog Devices ADF4355-2 Datasheet HTML 26Page - Analog Devices ADF4355-2 Datasheet HTML 27Page - Analog Devices ADF4355-2 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Data Sheet
ADF4355-2
Rev. B | Page 23 of 37
RD2
REFERENCE
DOUBLER
0DISABLED
1ENABLED
RD1
REFERENCE DIVIDE BY 2
0DISABLED
1
ENABLED
CP4
CP3
CP2
CP1
ICP (mA)
5.1kΩ
00
000.31
00
010.63
00
100.94
00
111.25
01
001.56
01
011.88
01
102.19
01
112.50
10
002.81
10
013.13
10
103.44
10
113.75
11
004.06
11
014.38
11
104.69
11
115.00
R10
R9
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
R2
R1
R DIVIDER (R)
00
0
1
1
00
1
0
2
..
.
.
.
..
.
.
.
..
.
.
.
1
1
0
0
1020
1
1
0
1
1021
1
1
1
0
1022
1
1
1
1
1023
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3
DB2
DB1
0
0
M3
M2
M1
RD2
RD1
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
D1
CP4
CP3
CP2
CP1
U6
U5
U4
U3
U2
U1
C3(1) C2(0) C1(0)
CURRENT
SETTING
10-BIT R COUNTER
CONTROL
BITS
MUXOUT
U5
LDP
01.8V
13.3V
U4
PD POLARITY
0NEGATIVE
1
POSITIVE
U3
POWER DOWN
0DISABLED
1
ENABLED
U2
CP
THREE-STATE
0DISABLED
1ENABLED
U1
COUNTER
RESET
0DISABLED
1ENABLED
D1
DOUBLE BUFFERED
REGISTER 6, BITS[DB23:DB21]
0
DISABLED
1ENABLED
U6
REFIN
0SINGLE
1DIFF
M3
M2
M1
OUTPUT
0
0
0
THREE-STATE OUTPUT
00
1
SDGND
01
0
DVDD
0
1
1
R DIVIDER OUTPUT
1
0
0
N DIVIDER OUTPUT
1
0
1
ANALOG LOCK DETECT
1
1
0
DIGITAL LOCK DETECT
1
1
1
RESERVED
DB0
C4(0)
RESERVED
DBR1
DBR1
1DBR = DOUBLE BUFFERED REGISTER—BUFFERED BY THE WRITE TO REGISTER 0.
Figure 34. Register 4
REGISTER 4
Control Bits
With Bits[C4:C1] set to 0100, Register 4 is programmed. Figure 34
shows the input data format for programming this register.
Reserved
Bits[DB31:DB30] are reserved and must be set to 0.
MUXOUT
The on-chip multiplexer (MUXOUT) is controlled by
Bits[DB29:DB27]. For additional details, see Figure 34.
Reference Doubler
Setting the RD2 bit (Bit DB26) to 0 feeds the REFIN signal directly
to the 10-bit R counter, disabling the doubler. Setting this bit to
1 multiplies the reference frequency by a factor of 2 before feeding
it into the 10-bit R counter. When the doubler is disabled, the
REFIN falling edge is the active edge at the PFD input to the
fractional synthesizer. When the doubler is enabled, both the rising
and falling edges of the reference frequency become active edges
at the PFD input.
The maximum allowable reference frequency when the doubler
is enabled is 100 MHz.
RDIV2
Setting the RDIV2 bit (Bit DB25) to 1 inserts a divide by 2 toggle
flip-flop between the R counter and PFD, which extends the
maximum reference frequency input rate. This function
provides a 50% duty cycle signal at the PFD input.
10-Bit R Counter
The 10-bit R counter divides the input reference frequency
(REFIN) to produce the reference clock to the PFD. Division
ratios range from 1 to 1023.
Double Buffer
The D1 bit (Bit DB14) enables or disables double buffering of
the RF divider select bits (Bits[DB23:DB21]) in Register 6. The
section explains how double buffering works.
Charge Pump Current Setting
The CP4 to CP1 bits (Bits[DB13:DB10]) set the charge pump
current. Set this value to the charge pump current for which the
loop filter is designed (see Figure 34). For the lowest spurs, the
0.9 mA setting is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com