Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4355-2 Datasheet(PDF) 29 Page - Analog Devices

Part # ADF4355-2
Description  Programmable output power level
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355-2 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADF4355-2 Datasheet HTML 25Page - Analog Devices ADF4355-2 Datasheet HTML 26Page - Analog Devices ADF4355-2 Datasheet HTML 27Page - Analog Devices ADF4355-2 Datasheet HTML 28Page - Analog Devices ADF4355-2 Datasheet HTML 29Page - Analog Devices ADF4355-2 Datasheet HTML 30Page - Analog Devices ADF4355-2 Datasheet HTML 31Page - Analog Devices ADF4355-2 Datasheet HTML 32Page - Analog Devices ADF4355-2 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
ADF4355-2
Data Sheet
Rev. B | Page 28 of 37
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
1
00
0
0
RESERVED
CONTROL
BITS
0
1
0
1
101
0
0
0
1
0
0
0
10
C3(0) C2(0) C1(0)
C4(1)
0
0
0
0
0
0
0
Figure 38. Register 8 (0x102D0428)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
VC5
VC4
VC3
VC2
VC1
TIMEOUT
CONTROL
BITS
TL10
TL9
TL8
TL7
TL6
TL5
TL4
TL3
TL2
TL1
AL5
AL4
AL3
AL2
AL1
SL5
SL4
SL3
SL2
SL1
C3(0) C2(0) C1(1)
C4(1)
VC6
VC7
VC8
TL10
TL9
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
TL2
TL1
TIMEOUT
00
0
1
1
00
1
0
2
..
.
.
.
..
.
.
.
..
.
.
.
1
1
0
0
1020
1
1
0
1
1021
1
1
1
0
1022
1
1
1
1
1023
AL5
AL4
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
AL2
AL1
ALC WAIT
00
0
1
1
00
1
0
2
..
.
.
.
..
.
.
.
..
.
.
.
11
0
0
28
11
0
1
29
11
1
0
30
11
1
1
31
VC8
VC7
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
VC2
VC1
VCO BAND DIV
00
0
1
1
00
1
0
2
..
.
.
.
..
.
.
.
..
.
.
.
11
0
0
252
11
0
1
253
11
1
0
254
11
1
1
255
VCO BAND DIVISION
SL5
SL4
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
SL2
SL1
SLC WAIT
00
0
1
1
00
1
0
2
..
.
.
.
..
.
.
.
..
.
.
.
11
0
0
28
11
0
1
29
11
1
0
30
11
1
1
31
SYNTHESIZER
LOCK TIMEOUT
AUTOMATIC LEVEL TIMEOUT
Figure 39. Register 9
REGISTER 8
The bits in this register are reserved and must be programmed
as described in Figure 38, using a hexadecimal word of
0x102D0428.
REGISTER 9
Control Bits
With Bits[C4:C1] set to 1001, Register 9 is programmed. Figure 39
shows the input data format for programming this register.
VCO Band Division
VC8 to VC1 (Bits[DB31:DB24]) set the value of the VCO band
division clock. Determine the value of this clock by PFD/(band
division × 16) such that the result is <150 kHz.
Timeout
TL10 to TL1 (Bits[DB23:DB14]) set the timeout value for the
VCO band select. Use this value as a variable in the other VCO
calibration settings.
Automatic Level Calibration (ALC) Timeout
AL5 to AL1 (Bits[DB13:DB9]) set the timer value used for the
automatic level calibration of the VCO. This function combines
the PFD frequency, the timeout variable, and ALC wait variable.
Choose ALC such that the following equation is always greater
than 50 μs.
(Timeout × ALC Wait/PFD Frequency) > 50 μs
Synthesizer Lock Timeout
SL5 to SL1 (Bits[DB8:DB4]) set the synthesizer lock timeout
value. Use this value to allow the VTUNE force to settle on the
VTUNE pin. The value must be 20 μs. Calculate the value using
the following equation:
(Timeout × Synthesizer Lock Timeout/PFD Frequency) > 20 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com