Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4355-2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4355-2
Description  Programmable output power level
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355-2 Datasheet(HTML) 1 Page - Analog Devices

  ADF4355-2 Datasheet HTML 1Page - Analog Devices ADF4355-2 Datasheet HTML 2Page - Analog Devices ADF4355-2 Datasheet HTML 3Page - Analog Devices ADF4355-2 Datasheet HTML 4Page - Analog Devices ADF4355-2 Datasheet HTML 5Page - Analog Devices ADF4355-2 Datasheet HTML 6Page - Analog Devices ADF4355-2 Datasheet HTML 7Page - Analog Devices ADF4355-2 Datasheet HTML 8Page - Analog Devices ADF4355-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Microwave Wideband Synthesizer
with Integrated VCO
Data Sheet
ADF4355-2
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RF output frequency range: 54 MHz to 4400 MHz
Fractional-N synthesizer and integer-N synthesizer
High resolution 38-bit modulus
Low phase noise, VCO
Programmable divide by 1, 2, 4, 8, 16, 32, or 64 output
Analog and digital power supplies: 3.3 V
Charge pump and VCO power supplies: 5 V typical
Logic compatibility: 1.8 V
Programmable dual modulus prescaler of 4/5 or 8/9
Programmable output power level
RF output mute function
3-wire serial interface
Analog and digital lock detect
APPLICATIONS
Wireless infrastructure (W-CDMA, TD-SCDMA,
WiMAX, GSM, PCS, DCS, DECT)
Point to point/point to multipoint microwave links
Satellites/VSATs
Test equipment/instrumentation
Clock generation
GENERAL DESCRIPTION
The ADF4355-2 allows implementation of fractional-N or
integer-N phase-locked loop (PLL) frequency synthesizers
when used with an external loop filter and an external reference
frequency. A series of frequency dividers permits operation
from 54 MHz to 4400 MHz.
The ADF4355-2 has an integrated voltage controlled oscillator
(VCO) with a fundamental output frequency ranging from
3400 MHz to 6800 MHz. In addition, the VCO frequency is
connected to divide by 1, 2, 4, 8, 16, 32, or 64 circuits that allow
the user to generate radio frequency (RF) output frequencies as
low as 54 MHz. For applications that require isolation, the RF
output stage can be muted. The mute function is both pin and
software controllable.
Control of all on-chip registers is through a simple 3-wire interface.
The ADF4355-2 operates with analog and digital power supplies,
ranging from 3.15 V to 3.45 V, with charge pump and VCO
supplies from 4.75 V to 5.25 V. The ADF4355-2 also contains
hardware and software power-down modes.
FUNCTIONAL BLOCK DIAGRAM
MUXOUT
CPOUT
CREG2
VBIAS
REFIN
CLK
DATA
LE
AV
CREG1
DVDD
DD
VP
AGND
CE
CPGND
SDGND
AGNDVCO
RSET
VVCO
VTUNE
VREF
RFOUTA+
RFOUTA–
RFOUTB+
RFOUTB–
VCO
CORE
PHASE
COMPARATOR
CHARGE
PUMP
OUTPUT
STAGE
OUTPUT
STAGE
PDBRF
MULTIPLEXER
10-BIT R
COUNTER
÷2
DIVIDER
×2
DOUBLER
FUNCTION
LATCH
DATA REGISTER
INTEGER
REG
N COUNTER
FRACTION
REG
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
MODULUS
REG
MULTIPLEXER
LOCK
DETECT
÷
1/2/4/8
16/32/64
ADF4355-2
REFINA
B
VRF
AGNDRF
VREGVCO
AVDD
Figure 1.


Similar Part No. - ADF4355-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4355-2 AD-ADF4355-2 Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
ADF4355-2BCPZ AD-ADF4355-2BCPZ Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
ADF4355-2BCPZ-RL7 AD-ADF4355-2BCPZ-RL7 Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
More results

Similar Description - ADF4355-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
Unity gain level programmable power compandor
1997 Nov 07
logo
TelCom Semiconductor, I...
TC96C55 TELCOM-TC96C55 Datasheet
106Kb / 9P
3A OUTPUT PROGRAMMABLE POWER OSCILLATOR
logo
Texas Instruments
UCC2819 TI-UCC2819 Datasheet
156Kb / 10P
PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
logo
NXP Semiconductors
NE577 PHILIPS-NE577 Datasheet
50Kb / 4P
Unity gain level programmable low power compandor
December 15, 1993
logo
Texas Instruments
UCC2819A TI-UCC2819A Datasheet
508Kb / 21P
PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
logo
Cypress Semiconductor
CY22U1 CYPRESS-CY22U1 Datasheet
483Kb / 15P
Single Output, Low Power Programmable
logo
Texas Instruments
UCC2819 TI1-UCC2819_16 Datasheet
420Kb / 16P
PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
logo
Analog Devices
ADF4355-3 AD-ADF4355-3 Datasheet
1Mb / 35P
Programmable output power level
Rev. A
logo
Silicon Laboratories
SI4022 SILABS-SI4022 Datasheet
650Kb / 22P
Programmable output power level
logo
Kinetic Technologies.
KTZ8812 KINETIC-KTZ8812 Datasheet
108Kb / 2P
Programmable Dual Output Power Supply
January 2018 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com