Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4355-2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4355-2
Description  Programmable output power level
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355-2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4355-2 Datasheet HTML 6Page - Analog Devices ADF4355-2 Datasheet HTML 7Page - Analog Devices ADF4355-2 Datasheet HTML 8Page - Analog Devices ADF4355-2 Datasheet HTML 9Page - Analog Devices ADF4355-2 Datasheet HTML 10Page - Analog Devices ADF4355-2 Datasheet HTML 11Page - Analog Devices ADF4355-2 Datasheet HTML 12Page - Analog Devices ADF4355-2 Datasheet HTML 13Page - Analog Devices ADF4355-2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Data Sheet
ADF4355-2
Rev. B | Page 9 of 37
Pin No.
Mnemonic
Description
22
RSET
Bias Current Resistor. Connecting a resistor between this pin and ground sets the charge pump output current.
23
VREF
Internal Compensation Node. DC biased at half the tuning range. Connect decoupling capacitors to the ground
plane as close to this pin as possible.
24
VBIAS
Reference Voltage. Connect a 100 nF decoupling capacitor to the ground plane as close to this pin as possible.
25, 32
CREG1, CREG2
Outputs from the LDO Regulator. Pin 25 and Pin 32 are the supply voltages to the digital circuits. Nominal voltage
of 1.8 V. Decoupling capacitors of 100 nF connected to AGND are required for these pins.
26
PDBRF
RF Power-Down. A logic low on this pin mutes the RF outputs. This mute function is also software controllable.
27
DVDD
Digital Power Supply. This pin must be at the same voltage as AVDD. Place decoupling capacitors to the ground
plane as close to this pin as possible.
28
REFINB
Complementary Reference Input. If unused, ac-couple this pin to AGND.
29
REFINA
Reference Input.
30
MUXOUT
Multiplexer Output. The multiplexer output allows the digital lock detect, the analog lock detect, scaled RF, or the
scaled reference frequency to be externally accessible.
31
SDGND
Digital Σ-Δ Modulator Ground. Pin 31 is the ground return path for the Σ-Δ modulator.
EP
Exposed Pad. The exposed pad must be connected to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com