Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9528
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9528 Datasheet HTML 39Page - Analog Devices AD9528 Datasheet HTML 40Page - Analog Devices AD9528 Datasheet HTML 41Page - Analog Devices AD9528 Datasheet HTML 42Page - Analog Devices AD9528 Datasheet HTML 43Page - Analog Devices AD9528 Datasheet HTML 44Page - Analog Devices AD9528 Datasheet HTML 45Page - Analog Devices AD9528 Datasheet HTML 46Page - Analog Devices AD9528 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
AD9528
Data Sheet
Rev. C | Page 42 of 67
Figure 52. Main Process, Initialization
WRITE:
REGISTER 0x00F = 0x01
START TIMEOUT CLOCK:
TIME = 0
CAL_COUNT = 0
REGISTER
0x508[1] = 1
REGISTER
0x508[1] = 1
TIMEOUT CLOCK:
TIME > PLL_TO1
TIMEOUT CLOCK:
TIME > PLL_TO2
CAL_COUNT > 1
ISSUE A PIN
LEVEL RESET
NO
YES
NO
YES
NO
YES
RST_COUNT =
RST_COUNT + 1
APPLY VDD
(ALL DOMAINS)
START
VDD SETTLED?
APPLY REFERENCE
INPUT (s)
SUB-PROCESS:
WRITE
REGISTERS FROM
SETUP FILE
SUB-PROCESS:
ISSUE VCO
CALIBRATION
POR: WAIT 60ms
CAL_COUNT =
CAL_COUNT + 1
RST_COUNT > 0
RAISE FLAG FOR
DEBUGGING!
READ:
R0x508 –R0x509
START TIMEOUT CLOCK:
TIME = 0
1PLL1_TO IS A CALCULATED VALUE TIME OUT VALUE. PLEASE SEE THEORY OF OPERATION–COMPONENT BLOCKS–PLL1 FOR ITS FORMULA.
2PLL2_TO IS A CALCULATED VALUE TIME OUT VALUE. PLEASE SEE THEORY OF OPERATION–COMPONENT BLOCKS–PLL2 FOR ITS FORMULA.
NO
YES
NO
YES
END
RST_COUNT = 0
YES
NO
NO
YES
PLL1 LOCK
DETECT
POLLING LOOP
PLL2 LOCK
DETECT POLLING
LOOP
PLL2 RECALIBRATION LOOP
CHIP LEVEL RESET LOOP
USER POWER
SUPPLIES
INITIALIZATION AND
POWER-ON RESET
WAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com