Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9528
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9528 Datasheet HTML 18Page - Analog Devices AD9528 Datasheet HTML 19Page - Analog Devices AD9528 Datasheet HTML 20Page - Analog Devices AD9528 Datasheet HTML 21Page - Analog Devices AD9528 Datasheet HTML 22Page - Analog Devices AD9528 Datasheet HTML 23Page - Analog Devices AD9528 Datasheet HTML 24Page - Analog Devices AD9528 Datasheet HTML 25Page - Analog Devices AD9528 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
Data Sheet
AD9528
Rev. C | Page 21 of 67
Figure 15. Phase Noise, Output = 122.88 MHz, HSTL Mode, Dual Loop Mode
(VCXO = 122.88 MHz, TAITEN VCXO (A0145-0-011-3), VCO = 3686.4 MHz)
Figure 16. Phase Noise, Output = 245.76 MHz, HSTL Mode, Dual Loop Mode
(VCXO = 122.88 MHz, Crystek VCXO CVHD-950, VCO = 3686.4 MHz)
Figure 17. Phase Noise, Output = 983.04 MHz, HSTL Mode, Dual Loop Mode
(VCXO = 122.88 MHz, Crystek VCXO CVHD-950, VCO = 3932.16 MHz)
Figure 18. Phase Noise, Output = 1228.8 MHz, HSTL Mode, Dual Loop Mode
(VCXO = 122.88 MHz, Crystek VCXO CVHD-950, VCO = 3686.4 MHz)
Figure 19. RMS Jitter in Buffer Mode with Both PLL1 and PLL2 Off vs. Slew
Rate; Input Applied to the VCXO Input and Output Taken from Clock
Distribution, Phase Noise Integration Range from 12 kHz to 20 MHz to Derive
Jitter Number
–30
–20
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1: 100Hz –96.5498dBc/Hz
2: 1kHz
–121.6777dBc/Hz
3: 10kHz –132.7333dBc/Hz
4: 100kHz –138.8233dBc/Hz
5: 1MHz
–148.6796dBc/Hz
6: 10MHz –161.2569dBc/Hz
7: 40MHz –161.8592dBc/Hz
x: START 12kHz
STOP 20kHz
CENTER 10.006MHz
SPAN 19.988MHz
NOISE
ANALYSIS RANGE X: BAND MARKER
ANALYSIS RANGE Y: BAND MARKER
INTG NOISE: –80.8845dBc/19.69MHz
RMS NOISE: 127.73µrad
7.31838mdeg
RMS JITTER: 165.436fsec
RESIDUAL FM: 606.124Hz
1
2
3
5
6
7
4
–30
–20
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1: 100Hz –100.4578dBc/Hz
2: 1kHz
–119.6740dBc/Hz
3: 10kHz –128.8210dBc/Hz
4: 100kHz –133.1106dBc/Hz
5: 1MHz
–142.2744dBc/Hz
6: 10MHz –157.2191dBc/Hz
7: 40MHz –158.8503dBc/Hz
x: START 12kHz
STOP 20kHz
CENTER 10.006MHz
SPAN 19.988MHz
NOISE
ANALYSIS RANGE X: BAND MARKER
ANALYSIS RANGE Y: BAND MARKER
INTG NOISE: –75.3030dBc/19.69MHz
RMS NOISE: 242.865µrad
13.9152mdeg
RMS JITTER: 157.28fsec
RESIDUAL FM: 955.126Hz
1
2
7
3
4
5
6
–30
–20
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
2
3
4
5
6
1: 100Hz –87.8362dBc/Hz
2: 1kHz
–107.4063dBc/Hz
3: 10kHz –116.9100dBc/Hz
4: 100kHz –120.3499dBc/Hz
5: 1MHz
–130.0948dBc/Hz
6: 10MHz –148.6848dBc/Hz
7: 40MHz –153.0204dBc/Hz
x: START 12kHz
STOP 20kHz
CENTER 10.006MHz
SPAN 19.988MHz
NOISE
ANALYSIS RANGE X: BAND MARKER
ANALYSIS RANGE Y: BAND MARKER
INTG NOISE: –63.1118dBc/19.69MHz
RMS NOISE: 988.38µrad
56.63mdeg
RMS JITTER: 160.02fsec
RESIDUAL FM: 2.52821kHz
1
7
100
1k
10k
100k
1M
10M
100M
–30
–20
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
FREQUENCY (Hz)
2
3
4
5
6
1: 100Hz –84.5874dBc/Hz
2: 1kHz
–105.8475dBc/Hz
3: 10kHz –115.4067dBc/Hz
4: 100kHz –119.7711dBc/Hz
5: 1MHz
–128.8223dBc/Hz
6: 10MHz –147.3225dBc/Hz
7: 40MHz –152.6352dBc/Hz
x: START 12kHz
STOP 20kHz
CENTER 10.006MHz
SPAN 19.988MHz
NOISE
ANALYSIS RANGE X: BAND MARKER
ANALYSIS RANGE Y: BAND MARKER
INTG NOISE: –62.2776dBc/19.69MHz
RMS NOISE: 1.08802µrad
62.3389mdeg
RMS JITTER: 140.921fsec
RESIDUAL FM: 2.94672kHz
1
7
600
550
500
450
400
350
300
250
200
150
100
0
0.25
0.50
SLEW RATE (V/ns)
0.75
1.00
1.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com