Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9528
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9528 Datasheet HTML 2Page - Analog Devices AD9528 Datasheet HTML 3Page - Analog Devices AD9528 Datasheet HTML 4Page - Analog Devices AD9528 Datasheet HTML 5Page - Analog Devices AD9528 Datasheet HTML 6Page - Analog Devices AD9528 Datasheet HTML 7Page - Analog Devices AD9528 Datasheet HTML 8Page - Analog Devices AD9528 Datasheet HTML 9Page - Analog Devices AD9528 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
Data Sheet
AD9528
Rev. C | Page 5 of 67
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT FOR
EACH CLOCK
DISTRIBUTION
CHANNEL
Each clock output channel has a dedicated VDD pin. The current draw for each
VDD pin includes the divider, fine delay, and output driver, fine delay is off; see the
Pin Configuration and Function Descriptions section for pin assignment
LVDS Mode, 3.5 mA
21
23
mA
Output = 122.88 MHz, channel divider = 10
24
26
mA
Output = 409.6 MHz, channel divider = 3
28
30
mA
Output = 737.28 MHz, channel divider = 1, VCO divider = 5, LVDS boost mode of
4.5 mA recommended
LVDS Boost Mode,
4.5 mA
22
24
mA
Output = 122.88 MHz, channel divider =10
25
27
mA
Output = 409.6 MHz, channel divider = 3
29
31
mA
Output = 737.28 MHz, channel divider = 1, VCO divider = 5
HSTL Mode, 9 mA
25
27
mA
Output = 122.88 MHz, channel divider =10
26
28
mA
Output = 409.6 MHz, channel divider = 3
29
31
mA
Output = 983.04 MHz, channel divider = 1, VCO divider = 5, VCO = 3932.16 MHz
37
41
mA
Output = 1228.8 MHz, channel divider = 1, only output channels OUT1 and OUT2
support output frequencies greater than ~1 GHz
Chip Power-Down
Mode
2.5
4
mA
For each channel VDD pin, chip power-down bit enabled (Register 0x0500, Bit 0 = 1)
POWER DISSIPATION
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TOTAL POWER
DISSIPATION
Does not include power dissipated in termination resistors
Typical Dual Loop
Mode Configuration
1675
1780
mW
Differential REFA input at 122.88 MHz; f
VCXO = 122.88 MHz, fVCO = 3686.4 MHz, VCO
divider at 3 clock distribution outputs running as follows: 7 HSTL at 122.88 MHz,
7 LVDS (3.5 mA) at 960 kHz
Typical Single Loop
Mode
Configuration
1635
1810
mW
PLL1 off, differential VCXO input at 122.88 MHz, clock distribution outputs running
as follows: 7 HSTL at 122.88 MHz, 7 LVDS (3.5 mA) at 960 kHz
Typical Buffer Mode
1030
1200
mW
PLL1 and PLL2 off, differential VCXO input at 122.88 MHz. SYSREF generator off,
differential SYSREF input at 960 kHz; clock distribution outputs running as follows:
7 HSTL at 122.88 MHz, 7 LVDS (3.5 mA) at 960 kHz
Chip Power-Down
Mode
65
mW
Chip power-down bit enabled (Register 0x0500, Bit 0 = 1)
RESET Enabled
1015
1200
mW
RESET pin low
INCREMENTAL POWER
DISSIPATION
Does not include power dissipated in termination resistors
Low Power Base
Configuration
590
mW
Dual loop mode, SYSREF generation and fine delay off; total power with 1 LVDS
output running at 122.88 MHz, single-ended REFA at 122.88 MHz; REFB off,
VCXO = 122.88 MHz, VCO = 3686.4 MHz
PLL1 OFF
0
mW
Define settings to power off PLL1
Output Distribution
Incremental power increase for each additional enable output
LVDS Mode, 3.5 mA
70
mW
Single 3.5 mA LVDS output at 122.88 MHz, channel divider = 10
78
mW
Single 3.5 mA LVDS output at 409.6 MHz, channel divider = 3
92
mW
Single 3.5 mA LVDS output at 737.28 MHz, VCO divider = 5, channel divider = 1
LVDS Mode, 4.5 mA
73
mW
Single 4.5 mA LVDS output at 122.88 MHz, channel divider = 10
81
mW
Single 4.5 mA LVDS output at 409.6 MHz, channel divider = 3
95
mW
Single 4.5 mA LVDS output at 737.28 MHz, VCO divider = 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com