Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31015EIG1-R Datasheet(PDF) 37 Page - Integrated Device Technology

Part # ZSC31015EIG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EIG1-R Datasheet(HTML) 37 Page - Integrated Device Technology

Back Button ZSC31015EIG1-R Datasheet HTML 33Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 34Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 35Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 36Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 37Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 38Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 39Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 40Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 41Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
© 2016 Integrated Device Technology, Inc
37
November 14, 2016
ZSC31015 Datasheet
3.6.
Calibration Math
3.6.1.
Correction Coefficients
All terms are calculated external to the ZSC31015 and then programmed to the EEPROM through the serial
interface.
Table 3.6
Correction Coefficients
Coefficient
Description
Gain_B
Gain term used to compensate span of Bridge reading
Offset_B
Offset term used to compensate offset of Bridge reading
Gain_T
Gain term used to compensate span of Temp reading
Offset_T
Offset term used to compensate offset of Temp reading
SOT
Second Order Term. The SOT can be applied as a second order correction term for one of the following:
-
Bridge measurement
-
Temperature coefficient of offset (Tco)
-
Temperature coefficient of gain (Tcg)
The EEPROM bits 99:98 determine what SOT applies to.
TSETL
RAW_PTAT or ExtTemp reading (upper 7-bits) at low temperature at which calibration was performed
(typically room temperature)
Tcg
Temperature correction coefficient of bridge gain term. This term has an 8-bit magnitude and a sign bit
(Tc_cfg[2].
Tco
Temperature correction coefficient of bridge offset term. This term has an 8-bit magnitude, a sign bit
(Tc_cfg[0]), and a scaling bit (Tc_cfg[1]), which can multiply its magnitude by 8.
3.6.2.
Interpretation of Binary Numbers for Correction Coefficients
BR_Raw should be interpreted as an unsigned number in the set [0, 16383] with a resolution of 1.
T_Raw should be interpreted as an unsigned number in the set [0, 16383], with a resolution of 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com