Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31015EIG1-R Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ZSC31015EIG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EIG1-R Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ZSC31015EIG1-R Datasheet HTML 7Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 8Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 9Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 10Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 11Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 12Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 13Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 14Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
© 2016 Integrated Device Technology, Inc
11
November 14, 2016
ZSC31015 Datasheet
Table 1.2
ADC Resolution Characteristics for an Analog Gain of 24
Analog Gain 24
Input Span [mV/V]
Allowed Offset
(+/- % of Span)
1
Minimum Guaranteed
Resolution [Bits]
Min
Typ
Max
18.1
25.0
33.1
17%
12.7
14.5
20.0
26.5
38%
12.4
7.2
10.0
13.2
142%
11.4
3.6
5.0
6.6
351%
10.4
1.8
2.5
3.3
767%
9.4
0.9
1.2
1.6
1670%
8.4
1) In addition to Tco, Tcg.
Important Note: The yellow shadowed fields indicate that for these input spans
with the selected analog gain setting, the quantization noise is higher than 0.1% FSO.
Table 1.3
ADC Resolution Characteristics for an Analog Gain of 48
Analog Gain 48
Input Span [mV/V]
Allowed Offset
(+/- % of Span)
1
Minimum Guaranteed
Resolution [Bits]
Min
Typ
Max
10.8
15.0
19.8
3%
13.0
7.2
10.0
13.2
38%
12.4
4.3
6.0
7.9
107%
11.7
2.9
4.0
5.3
194%
11.1
1.8
2.5
3.3
351%
10.4
1.0
1.4
1.85
678%
9.6
0.72
1.0
1.32
976%
9.1
1)
In addition to Tco, Tcg.
Important Note: The yellow shadowed fields indicate that for these input spans
with the selected analog gain setting, the quantization noise is higher than 0.1% FSO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com