Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31015EIG1-R Datasheet(PDF) 38 Page - Integrated Device Technology

Part # ZSC31015EIG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EIG1-R Datasheet(HTML) 38 Page - Integrated Device Technology

Back Button ZSC31015EIG1-R Datasheet HTML 34Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 35Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 36Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 37Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 38Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 39Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 40Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 41Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 42Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
© 2016 Integrated Device Technology, Inc
38
November 14, 2016
ZSC31015 Datasheet
3.6.2.1. Gain_B Interpretation
Gain_B should be interpreted as a number in the set [0, 64]. The MSB (bit 14) is a scaling bit that will multiply the
effect of the Gain_B[13:0] term by 8. The remaining bits Gain_B[13:0] represent a number in the range of [0,8)
with Gain_B[13] having a weighting of 4, and each subsequent bit has a weighting of ½ the previous bit.
Table 3.7
Gain_B [13:0] Weightings
Bit Position
Weighting
13
2
2 = 4
12
2
1 = 2
11
2
0 = 1
10
2
-1
…
…
3
2
-8
2
2
-9
1
2
-10
0
2
-11
Examples:
The binary number: 010010100110001B = 4.6489; Gain_B[14] is 0BIN, so the number represented by
Gain_B[13:0] is not multiplied by 8.
The binary number: 101100010010110B = 24.586; Gain_B[14] is 1BIN, so the number represented by
Gain_B[13:0] is multiplied by 8.
3.6.2.2. Offset_B Interpretation
Offset_B is a 14-bit unsigned binary number. The MSB has a weighting of 8192. The following bits then have a
weighting of: 4096, 2048, 1024 …
Table 3.8
Offset_B Weightings
Bit Position
Weighting
13
8192
12
4096
11
2048
.
.
.
1
2
1 = 2
0
2
0 = 1
For example, the binary number 1111 1111 1100 = 4092.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com