Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31015EIG1-R Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ZSC31015EIG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EIG1-R Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ZSC31015EIG1-R Datasheet HTML 10Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 11Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 12Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 13Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 14Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 15Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 16Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 17Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
© 2016 Integrated Device Technology, Inc
14
November 14, 2016
ZSC31015 Datasheet
2.2.
Analog Front End
2.2.1.
Bandgap/PTAT and PTAT Amplifier
The highly linear Bandgap/PTAT section provides the PTAT signal to the ADC, which allows accurate tempera-
ture conversion. In addition, the ultra-low ppm Bandgap provides a stable voltage reference over temperature for
the operation of the rest of the IC. If the bridge is not near the ZSC31015, an external diode can be used for
temperature measurement/compensation.
The temperature signal (internal PTAT or external diode) is amplified through a path in the Pre-Amp and fed to
the ADC for conversion. The most significant 12-bits of this converted result are used for temperature
measurement and temperature correction of bridge readings. When temperature is output in Digital Mode, only
the most significant 8 bits are given.
When external temperature is selected, add a diode from the ExtTemp pin to ground. The diode is biased with
approximately 50µA during temperature measurement cycles. The voltage level on ExtTemp is amplified through
the Pre-Amp and converted by the ADC. Ensure that the ExtTemp signal is in the range of 150mV to 800mV to
prevent saturation of the ADC. If the selected diode has a sensitivity in the range of 1.9mV/
oC to 3.25mV/oC, a
corrected temperature output (in Digital Mode) can be achieved for a 200
oC temperature span (-50oC to 150oC).
2.2.2.
Bridge Supply
The voltage-driven bridge is usually connected to VDD and ground. As a power savings feature, the ZSC31015
also includes a switched transistor to interrupt the bridge current via pin 1 (Bsink). The transistor switching is
synchronized to the analog-to-digital conversion and released after finishing the conversion. To utilize this feature,
the low supply of the bridge should be connected to Bsink instead of ground.
Depending on the programmable update rate, the average current consumption (including bridge current) can be
reduced to approximately 20%, 5%, or 1%. Note: this feature has no power savings benefit if using the fastest
update rate mode.
2.2.3.
PREAMP Block
The differential signal from the bridge is amplified through a chopper-stabilized instrumentation amplifier with very
high input impedance designed for low noise and low drift. This pre-amp provides gain for the differential signal
and re-centers its DC to VDD/2. The output of the Pre-Amp block is fed into the ADC. The calibration sequence
performed by the digital core includes an auto-zero sequence to null any drift in the Pre-Amp state over
temperature.
The Pre-Amp can be set to a gain of 6, 24, 48, or 96 through an EEPROM setting.
The inputs to the Pre-Amp from (VBN/VBP pins) can be reversed via an EEPROM configuration bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com