Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31015EIG1-R Datasheet(PDF) 48 Page - Integrated Device Technology

Part # ZSC31015EIG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EIG1-R Datasheet(HTML) 48 Page - Integrated Device Technology

Back Button ZSC31015EIG1-R Datasheet HTML 44Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 45Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 46Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 47Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 48Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 49Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 50Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 51Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 52Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
© 2016 Integrated Device Technology, Inc
48
November 14, 2016
ZSC31015 Datasheet
7
ESD/Latch-Up-Protection
All pins have an ESD protection of >4000V and a latch-up protection of
100 mA or of +8V/ –4V (to VSS/VSSA).
ESD protection referenced to the Human Body Model is tested with devices in SOP-8 packages during product
qualification. The ESD test follows the Human Body Model with 1.5k
Ω/100pF based on MIL 883, Method 3015.7.
8
Test
The test program is based on this datasheet. The final parameters that are tested during series production are
listed in the tables of section 1.
The digital part of the IC includes a scan path, which can be activated and controlled during wafer test. Further
test support for testing of the analog parts on wafer level is included in the DSP.
9
Quality and Reliability
A reliability investigation according to the in-house non-automotive standard has been performed.
10
Customization
For high-volume applications, which require an upgraded or downgraded functionality compared to the
ZSC31015, IDT can customize the circuit design by adding or removing certain functional blocks.
For this customization, IDT has a considerable library of sensor-dedicated circuitry blocks, which enable IDT to
provide a custom solution quickly. Please contact IDT for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com