Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31015EIG1-R Datasheet(PDF) 42 Page - Integrated Device Technology

Part # ZSC31015EIG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EIG1-R Datasheet(HTML) 42 Page - Integrated Device Technology

Back Button ZSC31015EIG1-R Datasheet HTML 38Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 39Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 40Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 41Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 42Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 43Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 44Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 45Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 46Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
© 2016 Integrated Device Technology, Inc
42
November 14, 2016
ZSC31015 Datasheet
2
1
5
6
7
8
3
4
ZSC31015
Bsink
VBP
ExtTemp
VBN
VSS
Sig
TM
VDD
Vgate
0.1
F
Vsupply
Ground
+2.7 to +5.5 V
OUT
Optional Bsink
4
Application Circuit Examples
The minimum output analog load resistor is RL= 5k. This optional load resistor can be configured as a pull-up or
pull-down. If it is configured as a pull-down, it cannot be part of the module to be calibrated because this would
prevent proper operation of the ZACwire
TM. If a pull-down load is desired, it must be added to system after module
calibration.
There is no output load capacitance needed.
EEPROM contents: OUTPUT_select, Config_JFET_Regulation, 1V_Trim/JFET-Trim.
4.1.
Three-Wire Rail-to-Rail Ratiometric Output
This example shows an application circuit for rail-to-rail ratiometric voltage output configuration with temperature
compensation via an external diode. The same circuitry is applicable for a 0 to 1V absolute analog output.
Figure 4.1
Rail-to-Rail Ratiometric Voltage Output
– Temperature Compensation via External Diode
The optional bridge sink allows a power savings of bridge current. The output voltage can be either
Rail-to-rail ratiometric analog output VDD(=Vsupply).
0 to 1V absolute analog output. The absolute voltage output reference is trimmable 1V (+/-3mV) in the
1V Output Mode via a 4-bit EEPROM field. See section 2.4.3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com