Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31015EIG1-R Datasheet(PDF) 40 Page - Integrated Device Technology

Part # ZSC31015EIG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EIG1-R Datasheet(HTML) 40 Page - Integrated Device Technology

Back Button ZSC31015EIG1-R Datasheet HTML 36Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 37Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 38Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 39Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 40Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 41Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 42Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 43Page - Integrated Device Technology ZSC31015EIG1-R Datasheet HTML 44Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
© 2016 Integrated Device Technology, Inc
40
November 14, 2016
ZSC31015 Datasheet
3.6.2.5. Tco Interpretation
Tco is specified as having an 8-bit magnitude with an additional sign bit and a scalar bit (Tc_cfg). When the scalar
bit is set, the signed Tco is multiplied by 8.
 Tco Resolution: 0.175 μV/V/oC
(input referred)
 Tco Range:
± 44.6
μV/V/
oC
(input referred)
If the scaling bit is used, then the above resolution and range are scaled by 8 to give the following results:
 Tco Scaled Resolution:
1.40
μV/V/
oC
(input referred)
 Tco Scaled Range:
± 357
μV/V/
oC (input referred)
3.6.2.6. Tcg Interpretation
Tcg is specified as an 8-bit magnitude with an additional sign bit (Tc_cfg).
 Tcg Resolution: 17.0 ppm/oC
 Tcg Range:
±4335 ppm/
oC
3.6.2.7. SOT Interpretation
SOT is a 2
nd order term that can apply to one and only one of the following: bridge non-linearity correction,
Tco non-linearity correction, or Tcg non-linearity correction.
As it applies to bridge non-linearity correction:
 Resolution: 0.25% @ full scale
 Range:
+25% @ full scale to -25% @ full scale
(Saturation in internal arithmetic will occur at greater negative nonlinearities.)
As it applies to Tcg:
 Resolution: 0.3 ppm/(oC)2
 Range:
+/- 38ppm/(
oC)2
As it applies to Tco:
2 settings are possible. It is possible to scale the effect of SOT by 8. If Tc_cfg[1] is set, then both Tco and
SOT’s contribution to Tco are multiplied by 8.
 Resolution at unity scaling: 1.51nV/V/(oC)2 (input referred)
 Range: +/- 0.192V/V/(oC)2 (input referred)
 Resolution at 8x scaling: 12.1nV/V/(oC)2 (input referred)
 Range: +/- 1.54V/V/(oC)2 (input referred)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com