Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701EM/T Datasheet(PDF) 41 Page - Winbond

Part # WTS701EM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EM/T Datasheet(HTML) 41 Page - Winbond

Back Button WTS701EM/T Datasheet HTML 37Page - Winbond WTS701EM/T Datasheet HTML 38Page - Winbond WTS701EM/T Datasheet HTML 39Page - Winbond WTS701EM/T Datasheet HTML 40Page - Winbond WTS701EM/T Datasheet HTML 41Page - Winbond WTS701EM/T Datasheet HTML 42Page - Winbond WTS701EM/T Datasheet HTML 43Page - Winbond WTS701EM/T Datasheet HTML 44Page - Winbond WTS701EM/T Datasheet HTML 45Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 41 -
Revision 3.09
7.4.4 System Operation
The WTS701 is a single chip solution for text-to-speech synthesis. The Text-to-Speech operation is
accomplished by a process of screening the incoming text to normalize common abbreviations and
numbers into a spoken form. The normalized text is then analyzed for phonetic interpretation and this
phonetic translation is mapped into samples to be played out of the analog storage array. This output
signal is then smoothed by a low-pass filter and is available as an analog signal, or can be passed
through the CODEC for digital audio output.
The WTS701 processor state machine
The WTS701 functions as a state machine and changes states either in response to a command sent
by the host controller, after execution of command is completed, or as a result of an internal event.
The WTS701 states are described below in reference to Figure 10.
Power Down
Idle
Wait
Convert
Reset
Figure 10. WTS701 Processor States
Vcc Applied
Hard Reset
Idle
Convert
Convert
PWUP
PWDN, Soft Reset
Hard Reset
Soft Reset, PWDN
Stop
finish
finish word
conversion finished



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com