Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701EM/T Datasheet(PDF) 30 Page - Winbond

Part # WTS701EM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EM/T Datasheet(HTML) 30 Page - Winbond

Back Button WTS701EM/T Datasheet HTML 26Page - Winbond WTS701EM/T Datasheet HTML 27Page - Winbond WTS701EM/T Datasheet HTML 28Page - Winbond WTS701EM/T Datasheet HTML 29Page - Winbond WTS701EM/T Datasheet HTML 30Page - Winbond WTS701EM/T Datasheet HTML 31Page - Winbond WTS701EM/T Datasheet HTML 32Page - Winbond WTS701EM/T Datasheet HTML 33Page - Winbond WTS701EM/T Datasheet HTML 34Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
WTS701
- 30 -
IDLE
IDLE
This command is executed after the receipt of an end-of-conversion interrupt (ICNV) has occurred.
The IDLE command will deactivate all audio outputs and bring the device to the IDLE state.
IDLE
Class
1
Type
I
Host controller
0x57
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Put WTS701 in IDLE state.
RDST
READ STATUS
The Read Status command reads the status word of the device. If two dummy data bytes are also
sent, the contents of the byte count register are also returned. Refer to subsections 7.3.2 and 7.3.4 for
more information regarding the STATUS register and BCNT register.
RDST
Class
0
Type
II
Host controller
0x04
0x00
0x00
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
BCNT
1
BCNT0
Description:
Read Status word of the device.
RVER
READ VERSION
The Read version command reads the WTS701 version information. The software version information
is only valid when the device is powered up.
RVER
Class
0
Type
II
Host controller
0x12
0x00
0x00
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
HW VER
SW VER
Description:
Read WTS701 Software and Hardware versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com