Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701EM/T Datasheet(PDF) 69 Page - Winbond

Part # WTS701EM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EM/T Datasheet(HTML) 69 Page - Winbond

Back Button WTS701EM/T Datasheet HTML 65Page - Winbond WTS701EM/T Datasheet HTML 66Page - Winbond WTS701EM/T Datasheet HTML 67Page - Winbond WTS701EM/T Datasheet HTML 68Page - Winbond WTS701EM/T Datasheet HTML 69Page - Winbond WTS701EM/T Datasheet HTML 70Page - Winbond WTS701EM/T Datasheet HTML 71Page - Winbond WTS701EM/T Datasheet HTML 72Page - Winbond WTS701EM/T Datasheet HTML 73Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 69 -
Revision 3.09
Table 17. CODEC Timing Parameters (see Figure 22 and Figure 23)
Symbol
Parameters
Min
Typ
(7)
Max
Units Conditions
Tclk
Bit clock frequency
128
2048
kHz
Tsync
Frame Sync. Frequency
8
kHz
DC
Clock Duty Cycle
45
50
55
%
Tir
Rise Time
50
ns
All digital inputs
Tif
Fall Time
50
ns
All digital inputs
Tfsp
Frame Sync. Pulse Width
100
ns
VFS
Trs
Receive Sync. Timing
20
ns
VCLK to VFS
Tsr
Receive Sync. Timing
80
ns
VFS to VCLK
Tdv
Output Delay Time for VDX
Valid
10
140
ns
VCLK to VDX
Tdhi
Output Delay Time for VDX
High Impedance
10
140
ns
VCLK to VDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com