Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701EM/T Datasheet(PDF) 70 Page - Winbond

Part # WTS701EM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EM/T Datasheet(HTML) 70 Page - Winbond

Back Button WTS701EM/T Datasheet HTML 66Page - Winbond WTS701EM/T Datasheet HTML 67Page - Winbond WTS701EM/T Datasheet HTML 68Page - Winbond WTS701EM/T Datasheet HTML 69Page - Winbond WTS701EM/T Datasheet HTML 70Page - Winbond WTS701EM/T Datasheet HTML 71Page - Winbond WTS701EM/T Datasheet HTML 72Page - Winbond WTS701EM/T Datasheet HTML 73Page - Winbond WTS701EM/T Datasheet HTML 74Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 77 page
background image
WTS701
- 70 -
9. ABSOLUTE MAXIMUM RATINGS
Table 18. Absolute Maximum Ratings (Packaged Parts) (1)
Condition
Value
Junction temperature
150
0C
Storage temperature range
-65
0C to +1500C
Voltage Applied to any pin
(VSS - 0.3V) to (VCC + 0.3V)
Voltage applied to any pin (Input current limited to +/-20 mA)
(2)
(VSS – 1.0V) to (VCC + 2.2V)
Lead temperature (soldering – 10 seconds)
300
0C
VCC - VSS
-0.3V to +7.0V
Table 19. Operating Conditions (Packaged Parts).
Condition
Value
Commercial operating temperature range
(3)
0
0C to +700C
Extended operating temperature
(2)
-20
0C to +700C
Industrial operating temperature
(2)
-40
0C to +850C
Supply voltage (VCC)
(4)
+2.7V to +3.3V
Ground voltage (VSS)
(5)
0V
1 Stresses above those listed may cause permanent damage to the device. Exposure to the absolute maximum
ratings may affect device reliability. Functional operation is not implied at these conditions.
2 All input pins except for CS signal, which is 3V tolerant ONLY.
3 Case Temperature.
4 VCC = VCCA = VCCD.
5 VSS = VSSA = VSSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com