Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701EM/T Datasheet(PDF) 28 Page - Winbond

Part # WTS701EM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EM/T Datasheet(HTML) 28 Page - Winbond

Back Button WTS701EM/T Datasheet HTML 24Page - Winbond WTS701EM/T Datasheet HTML 25Page - Winbond WTS701EM/T Datasheet HTML 26Page - Winbond WTS701EM/T Datasheet HTML 27Page - Winbond WTS701EM/T Datasheet HTML 28Page - Winbond WTS701EM/T Datasheet HTML 29Page - Winbond WTS701EM/T Datasheet HTML 30Page - Winbond WTS701EM/T Datasheet HTML 31Page - Winbond WTS701EM/T Datasheet HTML 32Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
WTS701
- 28 -
•
The stop command (ST) will cause the WTS701 to immediately stop converting, flush the
buffer and enter the wait state.
Once the wait state has been entered the device will clear the convert (CONV) bit from the status
register and, if enabled, generate an ICVT interrupt. At this stage the CODEC and analog path are still
active. To release the CODEC bus, or Power Down the analog path, an IDLE command should be
sent to the device. If a convert command is terminated using any of the methods described in this
section, another convert command cannot be sent until the previous conversion is completed. The
CNVT bit must be polled to determine that conversion is completed before a new conversion can be
started.
CONV
Class
2
Type
III
Host controller
0x81
0x00
DATA0
…
DATAn
Byte
Sequence:
WTS701
Stadus Byte 0
Status Byte 1
Status Byte 0
… Status Byte n%2
Description:
Start or continue a conversion process. Data sent is text data for conversion.
PAUS
PAUSE
This command causes a pause of the conversion process. There is no data associated with this
command. The pause condition is terminated by the RES (Resume) command
PAUS
Class
1
Type
I
Host controller
0x49
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
This command pauses the conversion process.
RES
RESUME
This command causes the conversion to resume if it was paused. There is no data associated with
this command
RES
Class
1
Type
I
Host controller
0x4A
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
This command resumes conversion after pause.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com