Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701EM/T Datasheet(PDF) 61 Page - Winbond

Part # WTS701EM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EM/T Datasheet(HTML) 61 Page - Winbond

Back Button WTS701EM/T Datasheet HTML 57Page - Winbond WTS701EM/T Datasheet HTML 58Page - Winbond WTS701EM/T Datasheet HTML 59Page - Winbond WTS701EM/T Datasheet HTML 60Page - Winbond WTS701EM/T Datasheet HTML 61Page - Winbond WTS701EM/T Datasheet HTML 62Page - Winbond WTS701EM/T Datasheet HTML 63Page - Winbond WTS701EM/T Datasheet HTML 64Page - Winbond WTS701EM/T Datasheet HTML 65Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 61 -
Revision 3.09
Synthesis Commands
Command
Description
Opcode Hex
Previous
State
Result
State
Command
Parameters
Return Value
CONV
2
III
Convert text
81
00
Idle, Wait
Convert
Text
data
N
None
-
PAUS
1
I
Pause
conversion
49
00
Convert
No
change
None
-
None
-
RES
1
I
Resume
conversion
4A
00
Convert
No
change
None
-
None
-
ST
1
I
Stop
conversion
4B
00
Convert
Wait
None
-
None
-
FINW
1
I
Finish word
4D
00
Convert
Wait
None
-
None
-
FIN
1
I
Finish
4C
00
Convert
Wait
None
-
None
-
VLUP
1
I
Volume up
53
00
Idle,
Convert
Wait
No
change
None
-
None
-
VLDN
1
I
Volume down
54
00
Idle,
Convert
Wait
No
change
None
-
None
-
SPUP
1
I
Speed up
55
00
Idle,
Convert
Wait
No
change
None
-
None
-
SPDN
1
I
Speed down
56
00
Idle,
Convert
Wait
No
change
None
-
None
-
IDLE
1
I
Switch to Idle
state
57
00
Wait,
Convert
Idle
None
-
None
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com