Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701EM/T Datasheet(PDF) 43 Page - Winbond

Part # WTS701EM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EM/T Datasheet(HTML) 43 Page - Winbond

Back Button WTS701EM/T Datasheet HTML 39Page - Winbond WTS701EM/T Datasheet HTML 40Page - Winbond WTS701EM/T Datasheet HTML 41Page - Winbond WTS701EM/T Datasheet HTML 42Page - Winbond WTS701EM/T Datasheet HTML 43Page - Winbond WTS701EM/T Datasheet HTML 44Page - Winbond WTS701EM/T Datasheet HTML 45Page - Winbond WTS701EM/T Datasheet HTML 46Page - Winbond WTS701EM/T Datasheet HTML 47Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 43 -
Revision 3.09
7.4.5 Initialization and Configuration
Configuration
After power-on or a Reset command (RST) the WTS701 processor can be configured for operation.
This involves initializing the internal configuration registers for the users requirements.
Table 11. Initialization Commnad Sequence
State
Command
Description
POWER DOWN
--------
State after power-on or RST command.
SCLC
Set clock configuration.
PWUP
Power up device.
IDLE
SCOM
Set up communication register to enable interrupts.
SCOD
Set up CODEC configuration (if used).
SAUD
Set up audio control register.
SVOL
Set the initial volume level.
SSPD
Set the initial speech output speed level.
SPTC
Set the initial speech pitch level.
7.4.6 Converting Text
After configuration, the WTS701 is ready for text-to-speech conversion. Because of the real-time
nature of speech, some form of flow control is necessary to inform the host system:
1. When the device is ready for more text data
2. When the device has finished converting text
3. When the device can release the audio interface
The CONVERT state is entered by sending a CONV command along with some textual data. The
WTS701 has an internal 256-byte buffer to accept text data. The R/ B signal (both the hardware line
and the status bit) will become active (LOW):
1. When the internal buffer is full
2. If the host sends data at a rate too fast for the WTS701 to process it to the internal buffer
When R/ B becomes active the user may:
1. Wait for the R/ B pin to return to the (HIGH) ready state
2. Terminate the SPI transaction until a later time and resend the data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com