Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5501 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 79Page - Texas Instruments TMS320VC5501 Datasheet HTML 80Page - Texas Instruments TMS320VC5501 Datasheet HTML 81Page - Texas Instruments TMS320VC5501 Datasheet HTML 82Page - Texas Instruments TMS320VC5501 Datasheet HTML 83Page - Texas Instruments TMS320VC5501 Datasheet HTML 84Page - Texas Instruments TMS320VC5501 Datasheet HTML 85Page - Texas Instruments TMS320VC5501 Datasheet HTML 86Page - Texas Instruments TMS320VC5501 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 193 page
background image
Functional Overview
83
December 2002 − Revised November 2004
SPRS206H
3.10.4.7 IDLE3 Mode With Internal Oscillator Disabled Wake-up Procedure
The internal oscillator of the 5501 will be woken up along with the CLOCK module through an NMI or an
enabled external interrupt. The source (INT0, INT1, INT2, INT3, or NMI) for the wake-up signal can be selected
through the use of the WKEN register. The maskable external interrupts must be enabled through IER0 and
IER1 prior to setting the 5501 to Idle 3 mode.
The 5501 has internal circuitry that will count down a predetermined number of clock cycles (41,032 reference
clock cycles) to allow the oscillator input to become stable after waking up from power-down state or reset.
When waking up from idle mode, program flow will start after the stabilization period of the oscillator has
expired (41 032 reference clock cycles).
To take the 5501 (including the internal oscillator) out of the idle 3 state, execute the following procedure:
1.
External interrupt or NMI occurs (as specified in the WKEN register) and program flow begins after
41,032 reference clock cycles.
2.
CPU wakes up.
3.
Write ‘0’ to all bits in the ICR.
4.
Execute the IDLE instruction.
5.
All internal clocks are enabled and all modules come out of idle.
6.
Write ‘0’ to the PLLPWRDN, PLLRST, and OSCPWRDN bits in PLLCSR.
7.
Wait for the PLL to relock by polling the LOCK bit or by setting up a LOCK interrupt.
8.
Set the PLLEN bit in PLLCSR to ‘1’.
9.
All internal clocks will now come from the PLL core.
NOTE: Step 2 can be modified to only wake up certain modules, see previous sections for
more information on the wake-up procedures for the 5501 modules.
3.10.4.8 Summary of Wake-up Procedures
Table 3−25 summarizes the wake-up procedures.
Table 3−25. Wake-Up Procedures
ISTR
VALUE
CLOCK DOMAIN
STATUS
EXIT FROM IDLE
ICR
AFTER
WAKE-UP
ISTR
AFTER
WAKE-UP
xxx0xxx0
CPU − ON
Clock Generator − ON
Other − ON/OFF
1. DSP software modifies ICR
and executes “IDLE”
instruction
2. Reset
1. Modified value
2. All “0”
1. Updated to ICR modified
value after “IDLE”
instruction
2. All “0”
xxx0xxx1
CPU − OFF
Clock Generator − ON
Other − ON/OFF
1. Unmasked interrupt from
external or on-chip module
2. Reset
1. Not modified
2. All “0”
1. CPUIS, CLKIS, and
EMIFIS/XPORTIS/IPORTIS
are set to “0”
2. All “0”
xxx11111
CPU − OFF
Clock Generator − OFF
Other − OFF
1. Unmasked interrupt from
external
2. Reset
1. Not modified
2. All “0”
1. CPUIS, CLKIS, and
EMIFIS/XPORTIS/IPORTIS
are set to “0”
2. All “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com