Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5421 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 30Page - Texas Instruments TMS320VC5421 Datasheet HTML 31Page - Texas Instruments TMS320VC5421 Datasheet HTML 32Page - Texas Instruments TMS320VC5421 Datasheet HTML 33Page - Texas Instruments TMS320VC5421 Datasheet HTML 34Page - Texas Instruments TMS320VC5421 Datasheet HTML 35Page - Texas Instruments TMS320VC5421 Datasheet HTML 36Page - Texas Instruments TMS320VC5421 Datasheet HTML 37Page - Texas Instruments TMS320VC5421 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
Functional Overview
34
December 1999 − Revised October 2008
SPRS098D
Table 3−6. BSCR Register Bit Functions for Each DSP Subsystem
BIT
NO.
BIT
NAME
RESET
VALUE
FUNCTION
15−12
BNKCMP
1111
Bank compare. BNKCMP determines the external memory-bank size. BNKCMP is used to mask the four
most significant bits (MSBs) of an address. For example, if BNKCMP = 1111b, the four MSBs (bits 12−15)
are compared, resulting in a bank size of 4K words. Bank sizes of 4K words to 64K words are allowed.
11
PS-DS
1
Program read − data read access. PS-DS inserts an extra cycle between consecutive accesses of
program read and data read or data read and program read.
PS-DS = 0
No extra cycles are inserted by this feature.
PS-DS = 1
One extra cycle is inserted between consecutive data and program reads.
10−9
Reserved
0
These bits are reserved and are unaffected by writes.
8
IPIRQ
0
The IPIRQ bit is used to send an interprocessor interrupt to the other subsystem. IPIRQ=1 sends the
interrupt. IPIRQ must be cleared before subsequent interrupts can be made. Refer to the interrupts section
for more details.
7−3
Reserved
0
These bits are reserved and are unaffected by writes.
2
BH
0
Bus holder. BH controls the bus holder feature: BH is cleared to 0 at reset.
BH = 0
The bus holder is disabled.
BH = 1
The bus holder is enabled. When not driven, PPD[15:0] pins are held at the previous logic
level.
1
Reserved
0
This bit is reserved and is unaffected by writes.
0
EXIO
0
External bus interface off. The EXIO bit controls the external bus-off function.
EXIO = 0
The external bus interface functions as usual.
EXIO = 1
The address bus, data bus, and control signals become inactive after completing the
current bus cycle. Note that the DROM, MP/MC, and OVLY bits in the PMST and the
HM bit of ST1 cannot be modified when the interface is disabled.
3.5.3 Parallel I/O Ports
The 5421 has a total of 64K words of I/O port address space. These ports can be addressed by PORTR and
PORTW. The IS signal indicates the read/write access through an I/O port. The devices can interface easily
with external devices through the I/O ports while requiring minimal off-chip address-decoding logic. The
SELA/B pin selects which subsystem is accessing the external I/O space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com