Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5421 Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 39Page - Texas Instruments TMS320VC5421 Datasheet HTML 40Page - Texas Instruments TMS320VC5421 Datasheet HTML 41Page - Texas Instruments TMS320VC5421 Datasheet HTML 42Page - Texas Instruments TMS320VC5421 Datasheet HTML 43Page - Texas Instruments TMS320VC5421 Datasheet HTML 44Page - Texas Instruments TMS320VC5421 Datasheet HTML 45Page - Texas Instruments TMS320VC5421 Datasheet HTML 46Page - Texas Instruments TMS320VC5421 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 104 page
background image
Functional Overview
43
December 1999 − Revised October 2008
SPRS098D
xDMA External Program Memory Map†
00 0000
00 7FFF
Page 0
Lower
32K
External
01 0000
01 7FFF
Page 1
Lower
32K
External
02 0000
02 7FFF
Page 2
Lower
32K
External
03 0000
03 7FFF
Page 3
Lower
32K
External
. . .
. . .
07 0000
07 7FFF
Page7
Lower
32K
External
00 8000
00 FFFF
Page 0
Upper
32K
External
01 8000
01 FFFF
Page 1
Upper
32K
External
02 8000
02 FFFF
Page 2
Upper
32K
External
03 8000
03 FFFF
Page 3
Upper
32K
External
. . .
. . .
07 8000
07 FFFF
Page 7
Upper
32K
External
xDMA External Data Memory Map†
00 0000
00 7FFF
Page 0
Lower
32K
External
01 0000
01 7FFF
Page 1
Lower
32K
External
02 0000
02 7FFF
Page 2
Lower
32K
External
03 0000
03 7FFF
Page 3
Lower
32K
External
. .
. . .
07 0000
07 7FFF
Page 7
Lower
32K
External
00 8000
00 FFFF
Page 0
Upper
32K
External
01 8000
01 FFFF
Page 1
Upper
32K
External
02 8000
02 FFFF
Page 2
Upper
32K
External
03 8000
03 FFFF
Page 3
Upper
32K
External
. . .
. . .
07 8000
07 FFFF
Page 7
Upper
32K
External
† Pages 8 − 127 are overlaid over pages 0 − 7.
Figure 3−14. DMA External Program Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com