Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5421 Datasheet(PDF) 68 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 64Page - Texas Instruments TMS320VC5421 Datasheet HTML 65Page - Texas Instruments TMS320VC5421 Datasheet HTML 66Page - Texas Instruments TMS320VC5421 Datasheet HTML 67Page - Texas Instruments TMS320VC5421 Datasheet HTML 68Page - Texas Instruments TMS320VC5421 Datasheet HTML 69Page - Texas Instruments TMS320VC5421 Datasheet HTML 70Page - Texas Instruments TMS320VC5421 Datasheet HTML 71Page - Texas Instruments TMS320VC5421 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 104 page
background image
Electrical Specifications
68
December 1999 − Revised October 2008
SPRS098D
5.6.2 Memory Write
The following switching characteristics table assumes testing over recommended operating conditions with
MSTRB = 0 and H = 0.5tc(CO) (see Figure 5−5).
Table 5−9. Memory Write Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(CLKH-A)
Delay time, CLKOUT high to address valid†‡
− 1
6
ns
td(CLKL-A)
Delay time, CLKOUT low to address valid†§
−1
5
ns
td(CLKL-MSL)
Delay time, CLKOUT low to MSTRB low
−1
4
ns
td(CLKL-D)W
Delay time, CLKOUT low to data valid
0
7
ns
td(CLKL-MSH)
Delay time, CLKOUT low to MSTRB high
− 1
4
ns
td(CLKH-RWL) Delay time, CLKOUT high to R/W low
0
4
ns
td(CLKH-RWH) Delay time, CLKOUT high to R/W high
0
4
ns
td(RWL-MSTRBL) Delay time, R/W low to MSTRB low
H − 2
H + 2
ns
th(A)W
Hold time, address valid after CLKOUT high†‡
−1
6
ns
th(D)MSH
Hold time, write data valid after MSTRB high
H − 3
H +3§
ns
tw(SL)MS
Pulse duration, MSTRB low§
2H−4
ns
tsu(A)W
Setup time, address valid before MSTRB low†
2H−4
ns
tsu(D)MSH
Setup time, write data valid before MSTRB high
2H−5
2H+5§
ns
† Address, PS, and DS timings are all included in timings referenced as address.
‡ In the case of a memory write preceded by a memory write
§ In the case of a memory write preceded by an I/O cycle
PS, DS
R/W
MSTRB
PPD[15:0]
PPA[18:0]
CLKOUT
td(CLKH-RWH)
th(A)W
td(CLKL-MSH)
tsu(D)MSH
td(CLKL-D)W
tw(SL)MS
tsu(A)W
td(CLKL-MSL)
th(D)MSH
td(CLKL-A)
td(CLKH-RWL)
td(RWL-MSTRBL)
td(CLKH-A)
Figure 5−5. Memory Write (MSTRB = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com