Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC564A80B4 Datasheet(PDF) 103 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 99Page - STMicroelectronics SPC564A80B4 Datasheet HTML 100Page - STMicroelectronics SPC564A80B4 Datasheet HTML 101Page - STMicroelectronics SPC564A80B4 Datasheet HTML 102Page - STMicroelectronics SPC564A80B4 Datasheet HTML 103Page - STMicroelectronics SPC564A80B4 Datasheet HTML 104Page - STMicroelectronics SPC564A80B4 Datasheet HTML 105Page - STMicroelectronics SPC564A80B4 Datasheet HTML 106Page - STMicroelectronics SPC564A80B4 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
103/157
3.9.2
LVDS pad specifications
LVDS pads are implemented to support the MSC (Microsecond Channel) protocol which is
an enhanced feature of the DSPI module. The LVDS pads are compliant with LVDS
specifications and support data rates up to 50 MHz.
Table 24.
VRC33 pad average DC current
(1)
Pad
Type
Symbol
C
Period
(ns)
Load
(2)
(pF)
VRC33
(V)
VDDE
(V)
Drive
Select
IDD33 Avg
(µA)
IDD33 RMS
(µA)
Fast
IDRV_FC
CC
D
10
50
3.6
3.6
11
2.35
6.12
CC
D
10
30
3.6
3.6
10
1.75
4.3
CC
D
10
20
3.6
3.6
01
1.41
3.43
CC
D
10
10
3.6
3.6
00
1.06
2.9
CC
D
10
50
3.6
1.98
11
1.75
4.56
CC
D
10
30
3.6
1.98
10
1.32
3.44
CC
D
10
20
3.6
1.98
01
1.14
2.95
CC
D
10
10
3.6
1.98
00
0.95
2.62
1.
These are typical values that are estimated from simulation and not tested. Currents apply to output pins only.
2.
All loads are lumped.
Table 25.
DSPI LVDS pad specification
#
Characteristic
Symbol
C
Condition
Min.
Value
Typ.
Value
Max.
Value
Unit
Data Rate
4
Data Frequency
f
LVDSCLK
CC
D
—
50
MHz
Driver Specs
5
Differential output voltage
VOD
CC
P
SRC=0b00
or 0b11
150
400
mV
CC
P
SRC=0b01
90
320
CC
P
SRC=0b10
160
480
6
Common mode voltage
(LVDS), VOS
VOD
CC
P
1.06
1.2
1.39
V
7
Rise/Fall time
TR/TF
CC
D
—
2
ns
8
Propagation delay (Low to
High)
TPLH
CC
D
4
ns
9
Propagation delay (High to
Low)
TPHL
CC
D
—
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com