Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC564A80B4 Datasheet(PDF) 106 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 102Page - STMicroelectronics SPC564A80B4 Datasheet HTML 103Page - STMicroelectronics SPC564A80B4 Datasheet HTML 104Page - STMicroelectronics SPC564A80B4 Datasheet HTML 105Page - STMicroelectronics SPC564A80B4 Datasheet HTML 106Page - STMicroelectronics SPC564A80B4 Datasheet HTML 107Page - STMicroelectronics SPC564A80B4 Datasheet HTML 108Page - STMicroelectronics SPC564A80B4 Datasheet HTML 109Page - STMicroelectronics SPC564A80B4 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 157 page
background image
Electrical characteristics
SPC564A74L7, SPC564A80B4, SPC564A80L7
106/157
Doc ID 15399 Rev 9
3.11
Temperature sensor electrical characteristics
3.12
eQADC electrical characteristics
5.
fVCO self clock range is 20–150 MHz. fSCM represents fSYS after PLL output divider (ERFD) of 2 through 16 in enhanced
mode.
6.
This value is determined by the crystal manufacturer and board design.
7.
Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum fSYS.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise
injected into the PLL circuitry via VDDPLL and VSSPLL and variation in crystal oscillator frequency increase the CJITTER
percentage for a given interval.
8.
Proper PC board layout procedures must be followed to achieve specifications.
9.
Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of CJITTER and either
fCS or fDS (depending on whether center spread or down spread modulation is enabled).
10. This value is determined by the crystal manufacturer and board design. For 4 MHz to 40 MHz crystals specified for this
PLL, load capacitors should not exceed these limits.
11. Proper PC board layout procedures must be followed to achieve specifications.
12. This parameter is guaranteed by design rather than 100% tested.
13. VIHEXT cannot exceed VRC33 in external reference mode.
14. This specification applies to the period required for the PLL to relock after changing the MFD frequency control bits in the
synthesizer control register (SYNCR).
15. Modulation depth will be attenuated from depth setting when operating at modulation frequencies above 50 kHz.
Table 27.
Temperature sensor electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
min
typical
max
—CC
C
Temperature
monitoring range
–40
—
150
°C
—
CC
C Sensitivity
—
6.3
—
mV/°C
—
CC
P
Accuracy
TJ = –40 to 150 °C
–10
—
10
°C
Table 28.
eQADC conversion specifications (operating)
Symbol
C
Parameter
Value
Unit
min
max
fADCLK
SR
—
ADC clock (ADCLK) frequency
2
16
MHz
CC
CC
D
Conversion cycles
2+13
128+14
ADCLK cycles
TSR
CC
C
Stop mode recovery time(1)
—10
s
fADCLK
SR
—
ADC clock (ADCLK) frequency
2
16
mV
1.
Stop mode recovery time is the time from the setting of either of the enable bits in the ADC Control Register to the time that
the ADC is ready to perform conversions.Delay from power up to full accuracy = 8 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com