Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC564A80B4 Datasheet(PDF) 109 Page - STMicroelectronics

Part # SPC564A80B4
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80B4 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button SPC564A80B4 Datasheet HTML 105Page - STMicroelectronics SPC564A80B4 Datasheet HTML 106Page - STMicroelectronics SPC564A80B4 Datasheet HTML 107Page - STMicroelectronics SPC564A80B4 Datasheet HTML 108Page - STMicroelectronics SPC564A80B4 Datasheet HTML 109Page - STMicroelectronics SPC564A80B4 Datasheet HTML 110Page - STMicroelectronics SPC564A80B4 Datasheet HTML 111Page - STMicroelectronics SPC564A80B4 Datasheet HTML 112Page - STMicroelectronics SPC564A80B4 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
109/157
3.13
Configuring SRAM wait states
Use the SWSC field in the ECSM_MUDCR register to specify an additional wait state for the
device SRAM. By default, no wait state is added.
Please see the device reference manual for details.
3.14
Platform flash controller electrical characteristics
3.15
Flash memory electrical characteristics
Table 31.
Cutoff frequency for additional SRAM wait state
(1)
1.
Max frequencies including 2% PLL FM.
SWSC Value
98
0
153
1
Table 32.
APC, RWSC, WWSC settings vs. frequency of operation(1),(2)
1.
APC, RWSC and WWSC are fields in the flash memory BIUCR register used to specify wait states for
address pipelining and read/write accesses. Illegal combinations exist—all entries must be taken from the
same row.
2.
TBD: To Be Defined.
Max. Flash Operating
Frequency (MHz)(3)
3.
Max frequencies including 2% PLL FM.
APC(4)
4.
APC must be equal to RWSC.
RWSC(4)
WWSC
20 MHz
0b000
0b000
0b11
61 MHz
0b001
0b001
0b11
90 MHz
0b010
0b010
0b11
123 MHz
0b011
0b011
0b11
153 MHz
0b100
0b100
0b11
Table 33.
Flash program and erase specifications(1)
#Symbol
C
Parameter
Min.
Value
Typical
Value
Initial
Max(2)
Max(3)
Unit
1Tdwprogram
C
C
P
Double Word (64 bits) Program Time
—
45
—
500
s
2Tpprogram
C
C
P
Page Program Time
—
55
160(4)
500
s
3T16kpperase
C
C
P
16 KB Block Pre-program and Erase
Time
—
300
1000
5000
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com