Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F273Z4 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST10F273Z4
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273Z4 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST10F273Z4 Datasheet HTML 27Page - STMicroelectronics ST10F273Z4 Datasheet HTML 28Page - STMicroelectronics ST10F273Z4 Datasheet HTML 29Page - STMicroelectronics ST10F273Z4 Datasheet HTML 30Page - STMicroelectronics ST10F273Z4 Datasheet HTML 31Page - STMicroelectronics ST10F273Z4 Datasheet HTML 32Page - STMicroelectronics ST10F273Z4 Datasheet HTML 33Page - STMicroelectronics ST10F273Z4 Datasheet HTML 34Page - STMicroelectronics ST10F273Z4 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 188 page
background image
ST10F273Z4
Internal Flash memory
31/188
5.4.3
Flash control register 1 low
The Flash Control Register 1 Low (FCR1L), together with Flash Control Register 1 High
(FCR1H), is used to select the sectors to Erase or, during any write operation, to monitor the
status of each sector and bank.
FCR1L (0x0E 0004)
FCR
Reset value: 0000h
SUSP
Suspend
This bit must be set to suspend the current Program (Word or Double Word) or Sector Erase
operation in order to read data in one of the sectors of the bank under modification or to program
data in another bank. The Suspend operation resets the Flash bank to normal read mode
(automatically resetting bits BSYx). When in Program Suspend, the Flash module accepts only the
following operations: Read and Program Resume. When in Erase Suspend the module accepts
only the following operations: Read, Erase Resume and Program (Word or Double Word; Program
operations cannot be suspended during Erase Suspend). To resume a suspended operation, the
WMS bit must be set again, together with the selection bit corresponding to the operation to
resume (WPG, DWPG, SER).(1)
WMS
Write mode start
This bit must be set to start every write operation in the Flash module. At the end of the write
operation or during a Suspend, this bit is automatically reset. To resume a suspended operation,
this bit must be set again. It is forbidden to set this bit if bit ERR of FER is high (the operation is not
accepted). It is also forbidden to start a new write (program or erase) operation (by setting WMS
high) when bit SUSP of FCR0 is high. Resetting this bit by software has no effect.
1.
It is forbidden to start a new Write operation with bit SUSP already set.
Table 9.
Flash control register 0 high (continued)
Bit
Function
15
14
13
12
11
10
9876
543210
reserved
B0F9 B0F8 B0F7 B0F6 B0F5 B0F4 B0F3 B0F2 B0F1 B0F0
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
Table 10.
Flash control register 1 low
Bit
Function
B0F(9:0)
Bank 0 IFlash sector 9:0 status
These bits must be set during a Sector Erase operation to select the sectors to erase in Bank 0.
Besides, during any erase operation, these bits are automatically set and give the status of the 10
sectors of Bank 0 (B0F9-B0F0). The meaning of B0Fy bit for Sector y of Bank 0 is given by the
next Table 12 Banks (BxS) and Sectors (BxFy) Status bits meaning. These bits are automatically
reset at the end of a Write operation if no errors are detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com