Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8680 Datasheet(PDF) 17 Page - Texas Instruments

Part # FDMS8680
Description  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8680 Datasheet(HTML) 17 Page - Texas Instruments

Back Button FDMS8680 Datasheet HTML 13Page - Texas Instruments FDMS8680 Datasheet HTML 14Page - Texas Instruments FDMS8680 Datasheet HTML 15Page - Texas Instruments FDMS8680 Datasheet HTML 16Page - Texas Instruments FDMS8680 Datasheet HTML 17Page - Texas Instruments FDMS8680 Datasheet HTML 18Page - Texas Instruments FDMS8680 Datasheet HTML 19Page - Texas Instruments FDMS8680 Datasheet HTML 20Page - Texas Instruments FDMS8680 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
IND(ripple)
OUT
I
ESR
V
0.7
2
R1
R2
0.7
´
æ
ö
-
-
ç
÷
ç
÷
è
ø
=
´
UDG-09066
TPS51218
DRVL
4
VIN
1 mF
VFB
V5IN
V
OUT
2
TRIP
5
RF
# 2
# 1
# 3
5
6
Thermal Pad
GND
TPS51218
www.ti.com
SLUS935B
– MAY 2009 – REVISED FEBRUARY 2012
3. Determine the value of R1 and R2.
The output voltage is programmed by the voltage-divider resistor, R1 and R2, shown in Figure 17. R1 is
connected between the VFB pin and the output, and R2 is connected between the VFB pin and GND. Typical
designs begin with the selection of an R2 value between 10 k
Ω and 20 kΩ. Determine R1 using Equation 9.
(9)
LAYOUT CONSIDERATIONS
Figure 19. Ground System of DC/DC Converter Using the TPS51218
Certain points must be considered before starting a layout work using the TPS51218.
•
Inductor, VIN capacitor(s), VOUT capacitor(s) and MOSFETs are the power components and should be placed
on one side of the PCB (solder side). Other small signal components should be placed on another side
(component side). At least one inner plane should be inserted, connected to ground, in order to shield and
isolate the small signal traces from noisy power lines.
•
All sensitive analog traces and components such as VFB, PGOOD, TRIP and RF should be placed away
from high-voltage switching nodes such as SW, DRVL, DRVH or VBST to
 avoid coupling. Use internal
layer(s) as ground plane(s) and shield feedback trace from power traces and
 components.
•
The DC/DC converter has several high-current loops. The area of these loops should be minimized in order to
suppress generating switching noise.
– The most important loop to minimize the area of is the path from the VIN capacitor(s) through the high and
low-side MOSFETs, and back to the capacitor(s) through ground. Connect the negative node of the VIN
capacitor(s) and the source of the low-side MOSFET at ground as close as possible. (Refer to loop #1 of
Figure 19)
– The second important loop is the path from the low-side MOSFET through inductor and VOUT capacitor(s),
and back to source of the low-side MOSFET through ground. Connect source of the low-side MOSFET
and negative node of VOUT capacitor(s) at ground as close as possible. (Refer to loop #2 of Figure 19)
– The third important loop is of gate driving system for the low-side MOSFET. To turn on the low-side
MOSFET, high current flows from V5IN capacitor through gate driver and the low-side MOSFET, and back
to negative node of the capacitor through ground. To turn off the low-side MOSFET, high current flows
Copyright
© 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TPS51218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com