Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8680 Datasheet(PDF) 19 Page - Texas Instruments

Part # FDMS8680
Description  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8680 Datasheet(HTML) 19 Page - Texas Instruments

Back Button FDMS8680 Datasheet HTML 15Page - Texas Instruments FDMS8680 Datasheet HTML 16Page - Texas Instruments FDMS8680 Datasheet HTML 17Page - Texas Instruments FDMS8680 Datasheet HTML 18Page - Texas Instruments FDMS8680 Datasheet HTML 19Page - Texas Instruments FDMS8680 Datasheet HTML 20Page - Texas Instruments FDMS8680 Datasheet HTML 21Page - Texas Instruments FDMS8680 Datasheet HTML 22Page - Texas Instruments FDMS8680 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
1
2
3
4
10
9
8
7
VBST
DRVH
SW
V5IN
PGOOD
TRIP
EN
VFB
U1
TPS51218
5
6
DRVL
RF
GND
C2
1 mF
C1
0.1 mF
C4
330 mF x 4
C3
10 mF x 4
L1
0.45 mH
R6
100 kW
R3
1 kW
R1
5.6 kW
V
IN
8 V
to
20 V
V
OUT
1.1 V
18 A
V
OUT_GND
EN
V5IN
4.5 V
to
6.5 V
R5
30 kW
R2
10 kW
UDG-09068
R4(A)
470 kW
Q2
FDMS8670AS
Q1
FDMS8680
Q3
FDMS8670AS
R7
3.3 W
1
2
3
4
10
9
8
7
VBST
DRVH
SW
V5IN
PGOOD
TRIP
EN
VFB
U1
TPS51218
5
6
DRVL
RF
GND
C2
1 mF
C1
0.1 mF
C4
330 mF x 4
C3
10 mF x 4
L1
0.45 mH
R6
100 kW
R3
1 kW
R1
5.6 kW
V
IN
8 V
to
20 V
V
OUT
1.1 V
18 A
V
OUT_GND
EN
V5IN
4.5 V
to
6.5 V
R5
30 kW
R2
10 kW
UDG-09069
Q2
FDMS8670AS
Q1
FDMS8680
Q3
FDMS8670AS
R4(A)
470 kW
R7
3.3 W
TPS51218
www.ti.com
SLUS935B
– MAY 2009 – REVISED FEBRUARY 2012
TPS51218 APPLICATION CIRCUITS
Figure 21. 1.1-V/18-A Auto-Skip Mode
A.
See Table 1 for resistor/frequency values.
Figure 22. 1.1-V/18-A Forced Continuous Conduction Mode
Copyright
© 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TPS51218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com