Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8680 Datasheet(PDF) 13 Page - Texas Instruments

Part # FDMS8680
Description  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8680 Datasheet(HTML) 13 Page - Texas Instruments

Back Button FDMS8680 Datasheet HTML 9Page - Texas Instruments FDMS8680 Datasheet HTML 10Page - Texas Instruments FDMS8680 Datasheet HTML 11Page - Texas Instruments FDMS8680 Datasheet HTML 12Page - Texas Instruments FDMS8680 Datasheet HTML 13Page - Texas Instruments FDMS8680 Datasheet HTML 14Page - Texas Instruments FDMS8680 Datasheet HTML 15Page - Texas Instruments FDMS8680 Datasheet HTML 16Page - Texas Instruments FDMS8680 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
R1
R2
Voltage Divider
+
V
FB
+
0.7 V
PWM
Control
Logic
and
Driver
V
IN
L
ESR
C
O
V
C
R
L
I
IND
I
OUT
UDG-09063
I
C
Switching Modulator
Output
Capacitor
DRVH
DRVL
V
OUT
O
1
H(s)
s ESR C
=
´
´
fSW
0
O
1
f
2
ESR C
4
=
£
p ´
´
TPS51218
www.ti.com
SLUS935B
– MAY 2009 – REVISED FEBRUARY 2012
SMALL SIGNAL MODEL
From small-signal loop analysis, a buck converter using D-CAP
™ mode can be simplified as shown in Figure 17.
Figure 17. Simplified Modulator Model
The output voltage is compared with internal reference voltage (ramp signal is ignored here for simplicity). The
PWM comparator determines the timing to turn on the high-side MOSFET. The gain and speed of the
comparator can be assumed high enough to keep the voltage at the beginning of each on cycle substantially
constant.
(1)
For loop stability, the 0-dB frequency,
ƒ0, defined in Equation 2 need to be lower than 1/4 of the switching
frequency.
(2)
According to Equation 2, the loop stability of D-CAP
™ mode modulator is mainly determined by the capacitor's
chemistry. For example, specialty polymer capacitors (SP-CAP) have CO on the order of several 100 μF and
ESR in range of 10 m
Ω. These makes f0 on the order of 100 kHz or less and the loop is stable. However,
ceramic capacitors have an
ƒ0 of more than 700 kHz, which is not suitable for this modulator.
RAMP SIGNAL
The TPS51218 adds a ramp signal to the 0.7-V reference in order to improve its jitter performance. As described
in the previous section, the feedback voltage is compared with the reference information to keep the output
voltage in regulation. By adding a small ramp signal to the reference, the S/N ratio at the onset of a new
switching cycle is improved. Therefore the operation becomes less jittery and more stable. The ramp signal is
controlled to start with
–7 mV at the beginning of ON-cycle and becomes 0 mV at the end of OFF-cycle in
continuous conduction steady state.
Copyright
© 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS51218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com