Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8680 Datasheet(PDF) 1 Page - Texas Instruments

Part # FDMS8680
Description  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8680 Datasheet(HTML) 1 Page - Texas Instruments

  FDMS8680 Datasheet HTML 1Page - Texas Instruments FDMS8680 Datasheet HTML 2Page - Texas Instruments FDMS8680 Datasheet HTML 3Page - Texas Instruments FDMS8680 Datasheet HTML 4Page - Texas Instruments FDMS8680 Datasheet HTML 5Page - Texas Instruments FDMS8680 Datasheet HTML 6Page - Texas Instruments FDMS8680 Datasheet HTML 7Page - Texas Instruments FDMS8680 Datasheet HTML 8Page - Texas Instruments FDMS8680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
2
3
4
10
9
8
7
VBST
DRVH
SW
V5IN
PGOOD
TRIP
EN
VFB
TPS51218
5
6
DRVL
RF
GND
V
IN
V
OUT
V
OUT_GND
EN
V5IN
UDG-09064
TPS51218
www.ti.com
SLUS935B
– MAY 2009 – REVISED FEBRUARY 2012
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN
CONTROLLER FOR NOTEBOOK POWER SUPPLY
Check for Samples: TPS51218
1
FEATURES
APPLICATIONS
2
•
Wide Input Voltage Range: 3 V to 28 V
•
Notebook Computers
•
Output Voltage Range: 0.7 V to 2.6 V
•
I/O Supplies
•
Wide Output Load Range: 0 to 20A+
•
System Power Supplies
•
Built-in 0.5% 0.7 V Reference
DESCRIPTION
•
D-CAP
™ Mode with 100-ns Load Step
The TPS51218 is a small-sized single buck controller
Response
with adaptive on-time D-CAP
™ mode. The device is
•
Adaptive On Time Control Architecture With 4
suitable for low output voltage, high current, PC
Selectable Frequency Setting
system power rail and similar point-of-load (POL)
power supply in digital consumer products. A small
•
4700 ppm/
°C RDS(on) Current Sensing
package with minimal pin-count saves space on the
•
Internal 1-ms Voltage Servo Softstart
PCB, while a dedicated EN pin and pre-set frequency
•
Pre-Charged Start-up Capability
selections minimize design effort required for new
•
Built in Output Discharge
designs. The skip-mode at light load condition, strong
gate drivers and low-side FET RDS(on) current sensing
•
Power Good Output
supports low-loss and high efficiency, over a broad
•
Integrated Boost Switch
load range. The conversion input voltage which is the
•
Built-in OVP/UVP/OCP
high-side FET drain voltage ranges from 3 V to 28 V
and the output voltage ranges from 0.7 V to 2.6 V.
•
Thermal Shutdown (Non-latch)
The device requires an external 5-V supply. The
•
SON-10 (DSC) Package
TPS51218 is available in a 10-pin SON package
specified from
–40°C to 85°C.
TYPICAL APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - FDMS8680

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8680 FAIRCHILD-FDMS8680 Datasheet
215Kb / 6P
N-Channel PowerTrench짰 MOSFET 30V, 35A, 7.0m廓
logo
Texas Instruments
FDMS8680 TI1-FDMS8680 Datasheet
975Kb / 34P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
More results

Similar Description - FDMS8680

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
Synchronous Step-Down Power Supply Controller
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Texas Instruments
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51217 TI-TPS51217 Datasheet
1,006Kb / 27P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI-TPS51218 Datasheet
1Mb / 27P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51211 TI1-TPS51211 Datasheet
677Kb / 26P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51211 TI-TPS51211_15 Datasheet
1Mb / 29P
High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
High Performance, Single Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com