Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8680 Datasheet(PDF) 16 Page - Texas Instruments

Part # FDMS8680
Description  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8680 Datasheet(HTML) 16 Page - Texas Instruments

Back Button FDMS8680 Datasheet HTML 12Page - Texas Instruments FDMS8680 Datasheet HTML 13Page - Texas Instruments FDMS8680 Datasheet HTML 14Page - Texas Instruments FDMS8680 Datasheet HTML 15Page - Texas Instruments FDMS8680 Datasheet HTML 16Page - Texas Instruments FDMS8680 Datasheet HTML 17Page - Texas Instruments FDMS8680 Datasheet HTML 18Page - Texas Instruments FDMS8680 Datasheet HTML 19Page - Texas Instruments FDMS8680 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
(
)
(
)
(
)
(
)
(
)
(
)
(
)
f
f
OUT
OUT
OUT
OUT
IN max
IN max
IND(ripple)
SW
SW
IN max
OUT max
IN max
V
V
V
V
V
V
1
3
L
I
V
I
V
-
´
-
´
=
´
=
´
´
´
(
)
(
)
(
)
f
OUT
OUT
IN max
TRIP
IND(peak )
DS(on)
SW
IN max
V
V
V
V
1
I
8 R
L
V
-
´
=
+
´
´
´
(
)
f
f
OUT
SW
SW
IND(ripple)
V
10 mV
1 D
10 mV
L
L
ESR
0.7 V
I
0.7 V
70
´
´
-
´ ´
é
ù
é
ù
´
ë
û
ë
û
=
=
=
W
é ù
ë û
´
é ù
é ù
ë û
ë û
t
SW
t – Time
0
10
t
SW x (1-D)
V
RIPPLE(FB)
TPS51218
SLUS935B
– MAY 2009 – REVISED FEBRUARY 2012
www.ti.com
EXTERNAL COMPONENTS SELECTION
Selecting external components is simple in D-CAP
™ mode.
1. Choose the inductor.
The inductance value should be determined to give the ripple current of approximately 1/4 to 1/2 of maximum
output current. Larger ripple current increases output ripple voltage and improves S/N ratio and helps stable
operation.
(6)
The inductor also needs to have low DCR to achieve good efficiency, as well as enough room above peak
inductor current before saturation. The peak inductor current can be estimated in Equation 7.
(7)
2. Choose the output capacitor(s).
Organic semiconductor capacitor(s) or specialty polymer capacitor(s) are recommended. For loop stability,
capacitance and ESR should satisfy Equation 2. For jitter performance, Equation 8 is a good starting point to
determine ESR.
where
•
D is the duty ratio
•
the output ripple down slope rate is 10 mV/tSW in terms of VFB terminal voltage as shown in Figure 18
•
tSW is the switching period
(8)
Figure 18. Ripple Voltage Down Slope
16
Submit Documentation Feedback
Copyright
© 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS51218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com