Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS8680 Datasheet(PDF) 20 Page - Texas Instruments

Part # FDMS8680
Description  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8680 Datasheet(HTML) 20 Page - Texas Instruments

Back Button FDMS8680 Datasheet HTML 16Page - Texas Instruments FDMS8680 Datasheet HTML 17Page - Texas Instruments FDMS8680 Datasheet HTML 18Page - Texas Instruments FDMS8680 Datasheet HTML 19Page - Texas Instruments FDMS8680 Datasheet HTML 20Page - Texas Instruments FDMS8680 Datasheet HTML 21Page - Texas Instruments FDMS8680 Datasheet HTML 22Page - Texas Instruments FDMS8680 Datasheet HTML 23Page - Texas Instruments FDMS8680 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
TPS51218
SLUS935B
– MAY 2009 – REVISED FEBRUARY 2012
www.ti.com
Table 2. 1.1-V, 18-A, 290-kHz Application List of Materials
REFERENCE
QTY
SPECIFICATION
MANUFACTURER
PART NUMBER
DESIGNATOR
C3
1
4
× 10 μF, 25 V
Taiyo Yuden
TMK325BJ106MM
C4
1
4
× 330 μF, 2 V, 12 mΩ
Panasonic
EEFCX0D331XR
L1
1
0.45
μH, 25 A, 1.1 mΩ
Panasonic
ETQP4LR45XFC
Q1
1
30 V, 35 A, 8.5 m
Ω
Fairchild
FDMS8680
Q2, Q3
2
30 V, 42 A, 3.5 m
Ω
Fairchild
FDMS8670AS
20
Submit Documentation Feedback
Copyright
© 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS51218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com