Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE812A Datasheet(PDF) 15 Page - STMicroelectronics

Part # STMPE812A
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STMPE812A Datasheet HTML 11Page - STMicroelectronics STMPE812A Datasheet HTML 12Page - STMicroelectronics STMPE812A Datasheet HTML 13Page - STMicroelectronics STMPE812A Datasheet HTML 14Page - STMicroelectronics STMPE812A Datasheet HTML 15Page - STMicroelectronics STMPE812A Datasheet HTML 16Page - STMicroelectronics STMPE812A Datasheet HTML 17Page - STMicroelectronics STMPE812A Datasheet HTML 18Page - STMicroelectronics STMPE812A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
STMPE812A
Power modes
Doc ID 18225 Rev 4
15/53
5
Power modes
The STMPE812A operates in a 2 states: active and hibernate.
Active:
–
Whenever PEN-DOWN is detected, the device remains in active mode
–
Whenever PWM is active, the device remains in active mode
–
Whenever ADC is active, the device remains in ACTIVE MODE
Hibernate:
-PWM/ADC must be “off” (clock disable bit SET)
-Any GPIO input, with interrupt enabled, causes a transition to “active” state, if an input
change is detected.
-Pen down even causes transition to “active” state if the touchscreen controller is enabled.
Table 6.
Power mode
Power mode
Active
Hibernate
Current consumption
280 µA (max)(1)
1.
At Vcc=1.8V, TCS running at 100sets of X/Y per second, MAV disabled.
1.0 µA (max.)
GPIO hotkey
Yes
Yes
Touchscreen
Yes
Yes
Interface (I2C)
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com