Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE812A Datasheet(PDF) 42 Page - STMicroelectronics

Part # STMPE812A
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812A Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STMPE812A Datasheet HTML 38Page - STMicroelectronics STMPE812A Datasheet HTML 39Page - STMicroelectronics STMPE812A Datasheet HTML 40Page - STMicroelectronics STMPE812A Datasheet HTML 41Page - STMicroelectronics STMPE812A Datasheet HTML 42Page - STMicroelectronics STMPE812A Datasheet HTML 43Page - STMicroelectronics STMPE812A Datasheet HTML 44Page - STMicroelectronics STMPE812A Datasheet HTML 45Page - STMicroelectronics STMPE812A Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Electrical specification
STMPE812A
42/53
Doc ID 18225 Rev 4
13
Electrical specification
13.1
DC electrical characteristics
Table 16.
Absolute maximum rating
Symbol
Ratings
Maximum value
Unit
VCC
Supply voltage
4.5
V
Vi-i2c
Input voltage at SDA/SCL
4.5
V
Vi-io
Input voltage at P0-P5
4.5
V
ESD
On all touchscreen and GPIO pins (HBM)
±8
kV
On all other pins (HBM)
±2
kV
Table 17.
Thermal data
Symbol
Parameter
Value
Unit
TJ
Thermal resistance junction-ambient
(CSP 12)
68
°C / W
T
Operating temperature
-40°C-85°C
°C
TSTG
Storage temperature
-65°C-125°C
°C
Table 18.
Power consumption (Tamb = -40 °C to 85 °C)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ICC max
Operating current
VCC =1.8 V
TSC running at 100 sets
of X/Y per second
MAV disabled
–
100
120
µA
Vcc=1.8V
TSC Running at 100 sets
of X/Y per second
MAV 6 remove 2
–
230
280
ICC max
Operating current
VCC=3.3 V
TSC running at 100 sets
of X/Y/Z per second
MAV 10 remove 2
–
670
810
µA
Vcc=1.8 V
TSC running at 100 sets
of X/Y/Z per second
MAV 10 remove 2
–
470
570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com