Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE812A Datasheet(PDF) 28 Page - STMicroelectronics

Part # STMPE812A
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812A Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STMPE812A Datasheet HTML 24Page - STMicroelectronics STMPE812A Datasheet HTML 25Page - STMicroelectronics STMPE812A Datasheet HTML 26Page - STMicroelectronics STMPE812A Datasheet HTML 27Page - STMicroelectronics STMPE812A Datasheet HTML 28Page - STMicroelectronics STMPE812A Datasheet HTML 29Page - STMicroelectronics STMPE812A Datasheet HTML 30Page - STMicroelectronics STMPE812A Datasheet HTML 31Page - STMicroelectronics STMPE812A Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
PWM controller
STMPE812A
28/53
Doc ID 18225 Rev 4
10
PWM controller
The PWM allows the brightness control of a LED/motor driver.
The PWM uses base clock that is ½ of the OSC frequency (typically 600 kHz). The base
clock is divided by a programmable DIV[4:0], which scales it to 18.75-600 kHz. This clock
goes into PWM controller and outputs a signal that is pulse-width modulated (16 steps), with
a frequency 16 times smaller.
10.1
Register map for PWM function
Table 10.
PWM function registers
PWM clock div register
PWM clock divider register
Address:
0x50
Type:
R/W
Reset:
0x00
Description:
PWM clock divider register.
Address
Register name
Bit
Type
Reset
Description
0x50
PWM_ClockDiv
8
R/W
0x00
PWM clock divider
0x51
PWM_Control_1
8
R/W
0x00
Master control of PWM channel 1
Output at port 0
7654
3
2
1
0
BurstLength [1:0]
DIV[4:0]
0000
0
0
0
0
[7:5] BurstLength[2:0]
Burst length of PWM output
‘000’ – 8 ms
‘001’ – 16 ms
‘010’ – 32 ms
‘011’ – 64 ms
‘100’ – 128 ms
‘101’ – 256 ms
‘110’ – 512 ms
‘111’ – 1024 ms
[4:0] Div[4:0]
PWM controller is based on 600KHz clock divided by (Div[4:0] + 1).
Effectively, PWM clock is:
600 KHz (MAX)
600 KHz/32 = 18.75 KHz (MIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com