Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE812A Datasheet(PDF) 44 Page - STMicroelectronics

Part # STMPE812A
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812A Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STMPE812A Datasheet HTML 40Page - STMicroelectronics STMPE812A Datasheet HTML 41Page - STMicroelectronics STMPE812A Datasheet HTML 42Page - STMicroelectronics STMPE812A Datasheet HTML 43Page - STMicroelectronics STMPE812A Datasheet HTML 44Page - STMicroelectronics STMPE812A Datasheet HTML 45Page - STMicroelectronics STMPE812A Datasheet HTML 46Page - STMicroelectronics STMPE812A Datasheet HTML 47Page - STMicroelectronics STMPE812A Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
Electrical specification
STMPE812A
44/53
Doc ID 18225 Rev 4
13.2
AC electrical characteristics
Table 20.
AC electrical characteristics (-40 °C to 85 °C)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Max
ClkI2C
I2C maximum SCLK
VCC =1.65-3.6V
–
–
400
KHz
TRESET
Minimum RESET pulse
width
4–
–
µS
TIN
Minimum INPUT width
required for GPIO state
transition
4–
–
µS
Fosc
Internal RC OSC
frequency
VCC = 1.65 - 3.6 V
900
1200
1500
KHz
Table 21.
ADC specification
Parameter
Test conditions
Min
Typ
Max
Unit
Full-scale input span
0
–
VCC
V
Absolute input range
-0.2
–
VCC+0.
2
V
Input capacitance
–
25
–
pF
Leakage current
–
0.1
–
µA
Resolution
–
12
–
Bits
No missing codes
11
–
–
Bits
Integral linearity error
–
±4
–
LSB
Offset error
–
±5
±5
LSB
Gain error
–
±14
±18
LSB
Throughput rate
–
180
–
Ksamples/s
Table 22.
Switch drivers specification
Parameter
Test conditions
Min
Typ
Max
Unit
ON resistance X+, Y+
ON resistance X-, Y-
VDD = 1.65 V,
5 mA setting
–34
–
Ω
ON resistance X+, Y+
ON resistance X-, Y-
VDD = 1.65 V,
10 mA setting
–24
–
Ω
ON resistance X+, Y+
ON resistance X-, Y-
VDD = 1.65 V,
20 mA setting
–17
–
Ω
ON resistance X+, Y+
ON resistance X-, Y-
VDD = 1.65 V,
30 mA setting
–15
–
Ω
ON resistance X+, Y+
ON resistance X-, Y-
VDD =3.6 V,
5 mA setting
–31
–
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com