Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE812A Datasheet(PDF) 22 Page - STMicroelectronics

Part # STMPE812A
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STMPE812A Datasheet HTML 18Page - STMicroelectronics STMPE812A Datasheet HTML 19Page - STMicroelectronics STMPE812A Datasheet HTML 20Page - STMicroelectronics STMPE812A Datasheet HTML 21Page - STMicroelectronics STMPE812A Datasheet HTML 22Page - STMicroelectronics STMPE812A Datasheet HTML 23Page - STMicroelectronics STMPE812A Datasheet HTML 24Page - STMicroelectronics STMPE812A Datasheet HTML 25Page - STMicroelectronics STMPE812A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
Interrupt system
STMPE812A
22/53
Doc ID 18225 Rev 4
INT_CTRL
Interrupt control register
Address:
0x08
Type:
R/W
Reset:
0x00
Description:
This register is used to enable the interruption from a system related interrupt source
to the host.
7654
3
2
1
0
INT_MODE
RESERVED
INT_POLARITY
INT_TYPE
GLOBAL_INT
0
0
000
[7] INT_MODE:
‘0’ for Pen-Down INT mode (INT pin asserted as long as pen down detected). Nothing can de-
assert the INT pin as long as PEN is down. TSC_TOUCH in INT_EN register must be enabled
for PEN_DOWN interrupt to operate.
If any other interrupt sources are enabled, the INT output is:
PEN_STATUS OR OTHER_INT
INT_E setting is not required for PEN-DOWN mode. It is recommended Pen-Down INT mode
enabled in applications where GPIO/ADC/PWM functions or interrupts are not in used, such
that the INT pin signal provides the exclusive indication for pen down and pen up.
‘1’ for normal INT mode (INT pin asserted if any bit in INT STATUS REGISTER is set)
When INT_MODE is changed, all interrupt status are cleared. Pending INT output (if any) is
cleared too.
[6:3] RESERVED
[2] INT_ POLARITY:
‘1’ for active high/rising edge
‘0’ for active low/falling edge
Interrupt pin should be pulled to VCC if “active low” polarity is used, and pulled to GND if “active
high” polarity is used.
[1] INT_TYPE:
‘1’ for edge interrupt (pulse width = 50-150 µs)
‘0’ for level interrupt
Edge interrupt does not work in PEN_DOWN INT mode
This bit is ignored in PEN_DOWN INT mode.
[0] GLOBAL_INT:
‘1’ allows global interrupt
‘0’ stops all interrupt
This bit overwrites INT_MODE: If global_int is stop (in pen down INT_MODE), even pen down
does not generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com