Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE812A Datasheet(PDF) 31 Page - STMicroelectronics

Part # STMPE812A
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STMPE812A Datasheet HTML 27Page - STMicroelectronics STMPE812A Datasheet HTML 28Page - STMicroelectronics STMPE812A Datasheet HTML 29Page - STMicroelectronics STMPE812A Datasheet HTML 30Page - STMicroelectronics STMPE812A Datasheet HTML 31Page - STMicroelectronics STMPE812A Datasheet HTML 32Page - STMicroelectronics STMPE812A Datasheet HTML 33Page - STMicroelectronics STMPE812A Datasheet HTML 34Page - STMicroelectronics STMPE812A Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
STMPE812A
Touchscreen controller
Doc ID 18225 Rev 4
31/53
11
Touchscreen controller
The STMPE812A is integrated with a hard-wired touchscreen controller for 4-wire resistive
type touchscreen. The touchscreen controller is able to operate completely autonomously,
and would interrupt the connected CPU only when pre-defined event occurs.
The TSC is based on an internal 20Ksamples/sec ADC, running off a 1 MHz (minimum
880 kHz) RC OSC.
Sampling time = touch detect delay*2 + (settling time + (ADC conversion time*MAV) ) *3
Figure 8.
Touchscreen controller internal RC OSC connection
Table 11.
Sampling time/frequency calculation
Oscillator speed
ADC
conversion
time
Touch
detect
delay
Settling
time
Median
average
Sampling time/freq
(complete X/Y/Z sample
sets)
880 kHz
50µs
40µs
40µs
None
40*2 + 3*(40+(50*1)) = 350 µs
(2.8K sample sets/sec)
880 kHz
50µs
40µs
40µs
10-2
40*2 + 3*(40+
(50*10))=1700 µs (588 sample
sets/sec)
880 kHz
50 µs
640 µs
640 µs
20-4
640*2 + 3*(640+ (50*20))
=6200 µs (161 sample
sets/sec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com