Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE812A Datasheet(PDF) 24 Page - STMicroelectronics

Part # STMPE812A
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STMPE812A Datasheet HTML 20Page - STMicroelectronics STMPE812A Datasheet HTML 21Page - STMicroelectronics STMPE812A Datasheet HTML 22Page - STMicroelectronics STMPE812A Datasheet HTML 23Page - STMicroelectronics STMPE812A Datasheet HTML 24Page - STMicroelectronics STMPE812A Datasheet HTML 25Page - STMicroelectronics STMPE812A Datasheet HTML 26Page - STMicroelectronics STMPE812A Datasheet HTML 27Page - STMicroelectronics STMPE812A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
Interrupt system
STMPE812A
24/53
Doc ID 18225 Rev 4
ISR
Interrupt status register
Address:
0x0A
Type:
R
Reset:
0x00
Description:
ISR register monitors the status of the interruption from a particular interrupt source
to the host. Regardless whether the INT_EN bits are enabled, the ISR bits are still
updated.
Writing to this register has no effect. Reading the register clears any asserted bit
Implementation: A shadow register MUST be used to ensure that Read+Clear action
DOES NOT clear up any bit that is not READ.
Note: Reading the Interrupt Enable Register also clears the ISR. It is recommended that no read operation on IER
to be executed during normal operation. IER should only be accessed during initialization.
In PEN_DOWN interrupt mode, this status register will still be updated with event interrupt
status data, and cleared on read. However no interrupt will be issued based on this status
register.
7
6
543
2
1
0
TSC_ERR
TSC_RELEASE
P2
RESERVED
P1
P0
TSC_DATA
TSC_TOUCH
0
0
000
0
0
0
[7] TSC_ERR
Error encountered in coordinate calculation in TSC, or touch detect not valid after sampling
[6] TSC_RELEASE:
Release of touch is detected
[5] P2
Port 2 activity (GPIO)
[4] RESERVED
[3] P1
Port 1 activity (GPIO/ADC/PWM)
[2] P0
Port 0 activity (GPIO)
[1] TSC_DATA
Touch data available. In internal timer and host-read controlled mode, this bit can only
be cleared after the data has been read by the host. In ACQ mode, this bit is cleared after the
data or the ISR is read by the host.
[0] TSC_TOUCH
Touch is detected.
(In PEN-DOWN interrupt mode, this bit is never cleared until pen is removed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com