Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7183 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7183 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7183 Datasheet HTML 6Page - Analog Devices AD7183 Datasheet HTML 7Page - Analog Devices AD7183 Datasheet HTML 8Page - Analog Devices AD7183 Datasheet HTML 9Page - Analog Devices AD7183 Datasheet HTML 10Page - Analog Devices AD7183 Datasheet HTML 11Page - Analog Devices AD7183 Datasheet HTML 12Page - Analog Devices AD7183 Datasheet HTML 13Page - Analog Devices AD7183 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
REV. 0
–10–
ADV7183
In S-video mode there are two clamp controllers used to sepa-
rately control the luminance clamping and the chrominance
clamping. Also in YCrCb component input mode there are two
clamp controllers used to control the luminance clamping and
the CrCb clamping separately; there are, however, individual
current clamps on the Cr and Cb inputs.
User programmability is built into the clamp controllers which
enable the current and digital clamp controllers to be set up to
user-defined conditions. Refer to analog clamp control register
(14H), digital clamp control register (15H), and digital color
clamp offset register (15H and 16H) for control settings.
ANALOG-TO-DIGITAL CONVERTERS
Two 10-bit ADCs are used in the ADV7183, and they run from
a 27 MHz input clock. An integrated band gap generates the
required reference voltages for the converters. If the decoder is
configured in CVBS mode, the second ADC can be switched off
to reduce power consumption, see PSC[1:0].
AUTOMATIC GAIN CONTROL
The AGC control block on the ADV7183 is a digitally based
system. This controller ensures that the input video signal
(CVBS, S-video, or YCrCb) is scaled to its correct value such
that the YCrCb digital output data matches the correct gain of
the video signal. The AGC has an analog input video range of
0.5 V p-p to 2.0 V p-p, which gives a –6 dB to +6 dB gain range.
Figure 6 demonstrates this range. This AGC range will compensate
for video signals that have been incorrectly terminated or have
been attenuated due to cable loss or other factors.
There are two main control blocks: one for the luminance chan-
nel and one for the chrominance channel.
The luminance automatic gain control has eight modes of
operation:
1. Manual AGC mode where gain for the luminance path is set
manually using LGM[11:0].
2. Blank level to sync tip is used to set the luminance gain;
manual MIRE[2:0] controls the maximum value through the
luminance channel. There is no override of this mode when
white peak mode is detected.
3. Blank level to sync tip is used to set luminance gain; manual
MIRE[2:0] controls the maximum value through luminance
channel. There is override of this mode when white peak
mode is detected. White peak mode is activated when the
input video exceeds the maximum luminance range for long
periods; this mode is designed to prevent clipping of the
input video signal.
4. Blank level to sync tip is used to set luminance gain;
MIRE[2:0] is automatically controlled to set the maximum
value through the luminance channel. There is no override
of this mode when white peak mode is detected.
5. Blank level to sync tip is used to set luminance gain; manual
MIRE[2:0] is automatically controlled to set the maximum
value through the luminance channel. There is override of
this mode when white peak mode is detected. White peak
mode is activated when the input video exceeds the maxi-
mum luminance range for long periods; this mode is designed
to prevent clipping of the input video signal.
6. Based on active video peak white. PW_UPD sets the gain
update frequency (once per field).
7. Based on average active video. PW_RES sets what lines are used;
only relevant if the signal conforms to PAL 625 line standard.
8. The luminance channel gain is frozen at its present value.
6
0
–6
0
RANGE = 12dB
MAXIMUM
MINIMUM
Figure 6. Analog Input Range
The chrominance automatic gain control has four modes of
operation:
1. Manual AGC mode where gain for chrominance path is set
manually using CGM[11:0].
2. Luminance gain used for chrominance channel.
3. Chrominance automatic gain based on color burst amplitude.
4. Chrominance gain frozen at its present setting.
Both the luminance and chrominance AGC controllers have a
programmable time constant that allows the AGC to operate in
four modes: slow, medium, fast, and video quality controlled.
The maximum IRE (MIRE[2:0]) control can be used to set the
maximum input video range that can be decoded. Table I shows
the selectable range.
Table I. MIRE Control
Function
MIRE[2:0]
PAL (IRE)
NTSC (IRE)
0
0
0
133
122
0
0
1
125
115
0
1
0
120
110
0
1
1
115
105
1
0
0
110
100
1
0
1
105
100
1
1
0
100
100
1
1
1
100
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com