Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7183 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7183 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7183 Datasheet HTML 24Page - Analog Devices AD7183 Datasheet HTML 25Page - Analog Devices AD7183 Datasheet HTML 26Page - Analog Devices AD7183 Datasheet HTML 27Page - Analog Devices AD7183 Datasheet HTML 28Page - Analog Devices AD7183 Datasheet HTML 29Page - Analog Devices AD7183 Datasheet HTML 30Page - Analog Devices AD7183 Datasheet HTML 31Page - Analog Devices AD7183 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
REV. 0
–28–
ADV7183
Table XXIV. Digital Clamp Control 1 Register (Subaddress 15)
Bit Description
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0Register Setting
DCCO[11:8]
1
XXXX
Only applicable if DCCM is set to manual offset
mode.
DCFE
2
0
Digital Clamp Operational
1
Digital Clamp Frozen
DCT[1:0]
3
0
0
Slow (TC = 1 second)
0
1
Medium (TC = 0.5 second)
1
0
Fast (TC = 0.1 second)
1
1
Dependent on VID_QUAL
DCCM[7:0]
4
0
Automatic Digital Clamp
1
Manual Offset Correction5
NOTES
1Digital Color Clamp Offset. Holds upper 4 bits of the digital offset value which is added to the raw data from the ADC before entering the core.
2Digital Clamp Freeze Enable. Allows the user to freeze the digital clamp loop at any point in time.
3Digital Clamp Timing. Determines the time constant of the digital clamping circuitry.
4Digital Color Clamp Mode. Sets the mode of operation for the digital clamp circuitry. Offset correction via DCCO for C only.
5Offset Correction via DCCO for C only.
Table XXV. Digital Clamp Control 2 Register (Subaddress 16)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
DCCO[7:0]
*
XXXXXXXX
*Digital Color Clamp Offset. Holds the lower 8 bits of the digital offset value which is added to the raw data from the ADC before entering the core. Only applicable if
DCCM is set to manual offset mode.
Table XXVI. Shaping Filter Control Register (Subaddress 17)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
YSFM[4:0]
1
00000
Auto Wide Notch
00001
Auto Narrow Notch
00010
SVHS 1
––––––
10010
SVHS 17
10011
PAL NN1
10100
PAL NN2
10101
PAL NN3
10110
PAL WN 1
10111
PAL WN 2
11000
NTSC NN1
11001
NTSC NN2
11010
NTSC NN3
11011
NTSC WN1
11100
NTSC WN2
11101
NTSC WN3
11110
Not Used
11111
SVHS 18
CSFM[2:0]
2
0
0
0
Auto Selection 1.5 MHz
0
0
1
Auto Selection 2.17 MHz
010
SH1
–––
–
110
SH5
111
SH6
NOTES
1Y Shaping Filter Mode. Allows the user to select a wide range of low-pass and notch filters.
2C Shaping Filter Mode. Allows the selection from a range of low-pass chrominance filters. Auto = filter selected based on scaling factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com